Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KX750 Datasheet (PDF) - C&D Technologies

KX750 Datasheet PDF - C&D Technologies
Part # KX750
Download  KX750 Download
File Size   266.83 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 750 WATT AC/DC POWER SUPPLY

KX750 Datasheet (PDF)

Go To PDF Page Download Datasheet
KX750 Datasheet PDF - C&D Technologies

Part # KX750
Download  KX750 Click to download

File Size   266.83 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 750 WATT AC/DC POWER SUPPLY

KX750 Datasheet (HTML) - C&D Technologies


KX750 Product details

DESCRIPTION
The KX750 is a low profile, 750 watt, power factor corrected, triple output power supply utilizing a half-bridge topology operating at 250kHz. The compact design yields a power density in excess of 6 watts per cubic inch. Universal input and power factor correction to EN61000-3-2 make the KX750 an excellent choice for product applications with woldwide markets. In addition, the KX750 carries UL, CSA and TUV approvals, and complies with FCC and VDE Class B EMI requirements.

FEATURES
● Active Power Factor Correction to EN61000-3-2
● 3.3V Main Output
● FCC/VDE Class B EMI Filter
● Active Current Sharing Optional
● Fully Isolated and Regulated Outputs
● Compact Size: 12” x 5” x 2”
● 75% Efficiency Typical
● > 6 Watts Per Cubic Inch
● Optional Fan Mounted On Cover
● Optional Current Sharing On All Outputs




Similar Part No. - KX750

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
KX70M15A PETERMANN-KX70M15A Datasheet
200Kb / 3P
HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX70M15B PETERMANN-KX70M15B Datasheet
200Kb / 3P
HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
logo
Ashcroft, Inc.
KX7M0415C1 ASHCROFT-KX7M0415C1 Datasheet
210Kb / 3P
KX Pressure Transmitter
RevB_12-02-20
KX7M0415DN ASHCROFT-KX7M0415DN Datasheet
210Kb / 3P
KX Pressure Transmitter
RevB_12-02-20
KX7M0415M1 ASHCROFT-KX7M0415M1 Datasheet
210Kb / 3P
KX Pressure Transmitter
RevB_12-02-20
More results


Similar Description - KX750

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
154Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
166Kb / 4P
400 WATT AC/DC POWER SUPPLY
TX1000 CANDD-TX1000 Datasheet
161Kb / 4P
1000 WATT AC/DC POWER SUPPLY
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
2000 WATT AC/DC POWER SUPPLY
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
100 Watt AC/DC Power Supply
AOPS1000 ETA-USA-AOPS1000 Datasheet
905Kb / 7P
1000 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TXL750 TRACOPOWER-TXL750 Datasheet
474Kb / 4P
AC/DC Enclosed Power Supply TXL 750 Series, 750 Watt
Rev. March 21, 2023
TXLN750 TRACOPOWER-TXLN750 Datasheet
933Kb / 5P
AC/DC Power Supply TXLN 750 Series, 750 Watt
Rev. March 16, 2023
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com