Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2131 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC2131
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2131 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC2131 Datasheet HTML 34Page - NXP Semiconductors LPC2131 Datasheet HTML 35Page - NXP Semiconductors LPC2131 Datasheet HTML 36Page - NXP Semiconductors LPC2131 Datasheet HTML 37Page - NXP Semiconductors LPC2131 Datasheet HTML 38Page - NXP Semiconductors LPC2131 Datasheet HTML 39Page - NXP Semiconductors LPC2131 Datasheet HTML 40Page - NXP Semiconductors LPC2131 Datasheet HTML 41Page - NXP Semiconductors LPC2131 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5.1 — 29 July 2011
38 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
12.2 RTC 32 kHz oscillator component selection
The RTC external oscillator circuit is shown in Figure 15. Since the feedback resistance is
integrated on chip, only a crystal, the capacitances CX1 and CX2 need to be connected
externally to the microcontroller.
Table 12 gives the crystal parameters that should be used. CL is the typical load
capacitance of the crystal and is usually specified by the crystal manufacturer. The actual
CL influences oscillation frequency. When using a crystal that is manufactured for a
different load capacitance, the circuit will oscillate at a slightly different frequency
(depending on the quality of the crystal) compared to the specified one. Therefore for an
accurate time reference it is advised to use the load capacitors as specified in Table 12
that belong to a specific CL. The value of external capacitances CX1 and CX2 specified in
this table are calculated from the internal parasitic capacitances and the CL. Parasitics
from PCB and package are not taken into account.
12.3 XTAL and RTCX Printed Circuit Board (PCB) layout guidelines
The crystal should be connected on the PCB as close as possible to the oscillator input
and output pins of the chip. Take care that the load capacitors Cx1, Cx2, and Cx3 in case of
third overtone crystal usage have a common ground plane. The external components
must also be connected to the ground plane. Loops must be made as small as possible in
order to keep the noise coupled in via the PCB as small as possible. Also parasitics
should stay as small as possible. Values of Cx1 and Cx2 should be chosen smaller
accordingly to the increase in parasitics of the PCB layout.
Fig 15. RTC oscillator modes and models: oscillation mode of operation and external
crystal model used for CX1/CX2 evaluation
Table 12.
Recommended values for the RTC external 32 kHz oscillator CX1/CX2 components
Crystal load capacitance
CL
Maximum crystal series
resistance RS
External load capacitors CX1/CX2
11 pF
< 100 k
18 pF, 18 pF
13 pF
< 100 k
22 pF, 22 pF
15 pF
< 100 k
27 pF, 27 pF
002aaf495
LPC2xxx
RTCX1
RTCX2
CX2
CX1
32 kHz XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com