Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2131 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2131
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2131 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2131 Datasheet HTML 8Page - NXP Semiconductors LPC2131 Datasheet HTML 9Page - NXP Semiconductors LPC2131 Datasheet HTML 10Page - NXP Semiconductors LPC2131 Datasheet HTML 11Page - NXP Semiconductors LPC2131 Datasheet HTML 12Page - NXP Semiconductors LPC2131 Datasheet HTML 13Page - NXP Semiconductors LPC2131 Datasheet HTML 14Page - NXP Semiconductors LPC2131 Datasheet HTML 15Page - NXP Semiconductors LPC2131 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5.1 — 29 July 2011
12 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
[2]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control. If configured for an input
function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns.
[3]
Open drain 5 V tolerant digital I/O I2C-bus 400 kHz specification compatible pad. It requires external pull-up to provide an output
functionality.
[4]
5 V tolerant pad providing digital I/O (with TTL levels and hysteresis and 10 ns slew rate control) and analog input function. If configured
for an input function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns. When configured as an ADC input, digital
section of the pad is disabled.
[5]
5 V tolerant pad providing digital I/O (with TTL levels and hysteresis and 10 ns slew rate control) and analog output function. When
configured as the DAC output, digital section of the pad is disabled.
[6]
5 V tolerant pad with built-in pull-up resistor providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
The pull-up resistor’s value ranges from 60 k
 to 300 k.
[7]
5 V tolerant pad providing digital input (with TTL levels and hysteresis) function only.
[8]
Pad provides special analog functionality.
[9]
When unused, the RTCX1 pin can be grounded or left floating. For lowest power leave it floating.
The other RTC pin, RTCX2, should be left floating.
P1.26/RTCK
24[6]
I/O
RTCK — Returned Test Clock output. Extra signal added to the JTAG port. Assists
debugger synchronization when processor frequency varies. Bidirectional pin with
internal pull-up. LOW on RTCK while RESET is LOW enables pins P1.31:26 to operate
as Debug port after reset.
P1.27/TDO
64[6]
O
TDO — Test Data out for JTAG interface.
P1.28/TDI
60[6]
I
TDI — Test Data in for JTAG interface.
P1.29/TCK
56[6]
I
TCK — Test Clock for JTAG interface.
P1.30/TMS
52[6]
I
TMS — Test Mode Select for JTAG interface.
P1.31/TRST
20[6]
I
TRST — Test Reset for JTAG interface.
RESET
57[7]
I
External reset input: A LOW on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor execution to begin at address
0. TTL with hysteresis, 5 V tolerant.
XTAL1
62[8]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
61[8]
O
Output from the oscillator amplifier.
RTCX1
3[9]
I
Input to the RTC oscillator circuit.
RTCX2
5[9]
O
Output from the RTC oscillator circuit.
VSS
6, 18,
25, 42,
50
I
Ground: 0 V reference.
VSSA
59
I
Analog ground: 0 V reference. This should nominally be the same voltage as VSS, but
should be isolated to minimize noise and error.
VDD
23, 43,
51
I
3.3 V power supply: This is the power supply voltage for the core and I/O ports.
VDDA
7I
Analog 3.3 V power supply: This should be nominally the same voltage as VDD but
should be isolated to minimize noise and error. This voltage is used to power the
on-chip PLL.
VREF
63
I
ADC reference: This should be nominally the same voltage as VDD but should be
isolated to minimize noise and error. Level on this pin is used as a reference for A/D
and D/A convertor(s).
VBAT
49
I
RTC power supply: 3.3 V on this pin supplies the power to the RTC.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com