Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFHM830DPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFHM830DPBF
Description  Synchronous MOSFET for Buck Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM830DPBF Datasheet(HTML) 8 Page - International Rectifier

  IRFHM830DPBF Datasheet HTML 1Page - International Rectifier IRFHM830DPBF Datasheet HTML 2Page - International Rectifier IRFHM830DPBF Datasheet HTML 3Page - International Rectifier IRFHM830DPBF Datasheet HTML 4Page - International Rectifier IRFHM830DPBF Datasheet HTML 5Page - International Rectifier IRFHM830DPBF Datasheet HTML 6Page - International Rectifier IRFHM830DPBF Datasheet HTML 7Page - International Rectifier IRFHM830DPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
December 16, 2013
IRFHM830DPbF
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.409mH, RG = 50Ω, IAS = 20A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ Rthjc is guaranteed by design.
… When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.
† Calculated continuous current based on maximum allowable junction temperature. Package is limited to 40A by production
test capability
PQFN 3.3x3.3 Outline Tape and Reel
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4000 parts.
STANDARD OPTION (QTY 4000)
MIN
326.0
20.2
12.8
1.5
17.8
12.4
CODE
A
B
C
D
E
F
G
MAX
330.25
20.45
13.50
2.5
18.3
12.9
MIN
12.835
0.795
0.504
0.059
0.701
0.488
MAX
13.002
0.805
0.531
0.098
0.720
0.508
METRIC
IMPERIAL
102.0 REF
4.016 REF
DIMENSIONS
MIN
7.90
3.90
11.70
5.45
3.50
3.50
0.25
1.10
CODE
A
B
C
D
E
F
G
H
MAX
8.10
4.10
12.30
5.55
3.70
3.70
0.35
1.30
MIN
0.311
0.154
0.461
0.215
0.138
0.138
0.010
0.043
MAX
0.319
0.161
0.484
0.219
0.146
0.146
0.014
0.051
METRIC
IMPERIAL
MSL1
(per JEDEC J-STD-020D†††)
RoHS Compliant
Moisture Sensitivity Level
PQFN 3.3mm x 3.3mm
Yes
Qualification Information
†
Qualification level
Industrial††
(per JEDEC JESD47F††† guidelines)
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Date
Comments
• Updated ordering information to reflect the End-Of-life (EOL) of the mini-reel option (EOL notice #259)
• Updated data sheet with new IR corporate template
Revision History
12/16/2013



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com