Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFHM830DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFHM830DPBF
Description  Synchronous MOSFET for Buck Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM830DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFHM830DPBF Datasheet HTML 1Page - International Rectifier IRFHM830DPBF Datasheet HTML 2Page - International Rectifier IRFHM830DPBF Datasheet HTML 3Page - International Rectifier IRFHM830DPBF Datasheet HTML 4Page - International Rectifier IRFHM830DPBF Datasheet HTML 5Page - International Rectifier IRFHM830DPBF Datasheet HTML 6Page - International Rectifier IRFHM830DPBF Datasheet HTML 7Page - International Rectifier IRFHM830DPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
Notes
 through † are on page 8
Features and Benefits
Applications
3.3mm x 3.3mm PQFN
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation g
PD @ TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
2.8
0.022
37
Max.
20
40h
160
±20
30
16
40h
V
W
A
°C
• Synchronous MOSFET for Buck Converters
VDS
30
V
RDS(on) max
(@VGS = 10V)
4.3
m
Ω
Qg (typical)
13
nC
RG (typical)
1.1
Ω
ID
(@Tc(Bottom) = 25°C)
40h
A
3
2
1
8
7
6
5
4
D
D
D
D
S
S
S
G
IRFHM830DPbF
1
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
December 16, 2013
Features
Benefits
Low RDSon (
≤ 4.3mΩ)
Lower Conduction Losses
Schottky intrinsic diode with low forward voltage
Lower switching losses
Low Thermal Resistance to PCB (<3.4°C/W)
Increased Power Density
100% Rg tested
Increased Reliability
Low Profile (< 1.0mm)
results in
Increased Power Density
Industry-Standard Pinout
⇒
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
Form
Quantity
IRFHM830DTRPbF
PQFN 3.3mm x 3.3mm
Tape and Reel
4000
IRFHM830DTR2PBF
PQFN 3.3mm x 3.3mm
Tape and Reel
400
EOL notice # 259
Orderable part number
Package Type
Standard Pack
Note


Similar Part No. - IRFHM830DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
250Kb / 9P
Compatible with Existing Surface Mount Techniques
IRFHM830DPBF IRF-IRFHM830DPBF_15 Datasheet
250Kb / 9P
Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHM830DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5250DTR2PBF IRF-IRFH5250DTR2PBF Datasheet
214Kb / 8P
Synchronous MOSFET for high frequency buck converters
IRFH5250DPBF IRF-IRFH5250DPBF Datasheet
214Kb / 8P
Synchronous MOSFET for high frequency buck converters
IRFH8318TRPBF IRF-IRFH8318TRPBF Datasheet
256Kb / 9P
Synchronous MOSFET for high frequency buck converters
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
Synchronous MOSFET for high frequency buck converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
Synchronous MOSFET for buck converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com