Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR1300 Datasheet(PDF) 2 Page - C&D Technologies

Part # PWR1300
Description  1.5 WATT UNREGULATED DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR1300 Datasheet(HTML) 2 Page - C&D Technologies

  PWR1300 Datasheet HTML 1Page - C&D Technologies PWR1300 Datasheet HTML 2Page - C&D Technologies PWR1300 Datasheet HTML 3Page - C&D Technologies PWR1300 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PWR13XX 4/2002 REV G
Page 2
NOMINAL
RATED
RATED
REFLECTED
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT
NO LOAD
RATED LOAD
RIPPLE CURRENT
MODEL
(VDC)(VDC)
(mA)
(mA)
(mA)
(mAp-p)
PWR1300
5
5
300
50
400
30
PWR1301
5
12
125
50
400
30
PWR1302
5
15
100
50
400
30
PWR1303
5
± 5
±150
50
400
30
PWR1304
5
±12
±63
50
400
30
PWR1305
5
±15
±50
50
400
30
PWR1306
12
5
300
30
167
25
PWR1307
12
12
125
30
167
25
PWR1308
12
15
100
30
167
25
PWR1309
12
± 5
±150
30
167
25
PWR1310
12
±12
±63
30
167
25
PWR1311
12
±15
±50
30
167
25
PWR1312
15
5
300
30
133
20
PWR1313
15
12
125
30
133
20
PWR1314
15
15
100
30
133
20
PWR1315
15
± 5
±150
30
133
20
PWR1316
15
±12
±63
30
133
20
PWR1317
15
±15
±50
30
133
20
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
ISOLATION
Rated Voltage
4,000
VDC
Test Voltage
60 Hz, 60 Seconds
8,000
Vpk
Resistance
10
G
Ω
Capacitance
10
pF
Leakage Current
VISO= 240VAC, 60Hz
1
2
µArms
OUTPUT
Rated Power
1.5
Watts
Voltage Setpoint Accuracy
Rated Load, Nominal Vin
±5
%
Ripple & Noise
BW = DC to 10MHz
40
mVp-p
BW = 10Hz to 2MHz
10
mVrms
REGULATION
Line Regulation
High Line to Low Line
1.5
%/%
Load Regulation
See Performance Curves
GENERAL
Efficiency
75
%
Switching Frequency
220
kHz
Package Weight
12
g
MTTF per MIL-HDBK-217, Rev. E
Circuit Stress Method
Ground Benign
TA= +25°C
2,000,000
Hr
TA = +85°C
90,000
Hr
Fixed Ground
TA= +35°C
540,000
Hr
Naval Sheltered
TA= +35°C
300,000
Hr
Airborne Uninhabited Fighter
TA = +35°C
55,000
Hr
TEMPERATURE
Specification
-40
+25
+85
°C
Operation
-55
+100
°C
Storage
-55
+110
°C
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise noted.
INPUT CURRENT
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, rated input voltage, rated output current unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com