Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR1300 Datasheet(PDF) 3 Page - C&D Technologies

Part # PWR1300
Description  1.5 WATT UNREGULATED DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR1300 Datasheet(HTML) 3 Page - C&D Technologies

  PWR1300 Datasheet HTML 1Page - C&D Technologies PWR1300 Datasheet HTML 2Page - C&D Technologies PWR1300 Datasheet HTML 3Page - C&D Technologies PWR1300 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PWR13XX 4/2002 REV G
Page 3
MECHANICAL
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration ..................................................... 5 seconds
Internal Power Dissipation .............................................................. 750mW
Lead Temperature (soldering, 10 seconds max) ............................ +300°C
Device Family
PWR indicates DC/DC converter
Model Number
Selected from Table of Electrical Characteristics
Package
PWR
13XX
A
ORDERING INFORMATION
Notes:
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
* Common pins not present on single output models.
PIN PLACEMENT TOLERANCE: ± 0.015"
Marked with: specific model ordered, date code, job code.
MATERIAL: Units are encapsulated in a low thermal resistance
molding compound which has excellent chemical resistance, wide
operating temperature range, and good electrical properties under
high humidity environments. The encapsulant and outer shell of the
unit have UL94V-0 ratings.
Lead material is brass with a solder
plated surface to allow ease of solderability.
PIN CONNECTIONS
PIN
SINGLE MODELS
DUAL MODELS
1+V
IN
+V
IN
2+V
IN
+V
IN
11
+V
OUT
+V
OUT
12
+V
OUT
+V
OUT
13
-V
OUT
Common
14
-V
OUT
Common
15
No Pin
-V
OUT
23
-V
IN
-V
IN
24
-V
IN
-V
IN
1.270±0.010"
(32.26)
.010±0.005"
(0.25)
0.400±0.010"
(10.16)
0.170" MIN
(4.32)
0.100±0.015"
(2.54)
.020±0.002"
(0.51)
12
11
2
1
13
14
15
23
24
BOTTOMVIEW
SIDEVIEW
TOPVIEW
.1025"
(.267)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com