Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM8903TR
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM8903TR Datasheet HTML 9Page - STMicroelectronics PM8903TR Datasheet HTML 10Page - STMicroelectronics PM8903TR Datasheet HTML 11Page - STMicroelectronics PM8903TR Datasheet HTML 12Page - STMicroelectronics PM8903TR Datasheet HTML 13Page - STMicroelectronics PM8903TR Datasheet HTML 14Page - STMicroelectronics PM8903TR Datasheet HTML 15Page - STMicroelectronics PM8903TR Datasheet HTML 16Page - STMicroelectronics PM8903TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
PM8903
Device description
Doc ID 022748 Rev 1
13/34
5
Device description
The PM8903 is a high efficiency synchronous step-down monolithic switching regulator
capable of delivering up to 3 A continuous output current.
The power input voltage (VIN) can range from 2.8 V to 6 V, the signal input voltage (VCC) can
range from 2.9 V to 5.5 V.
Thanks to 0.6 V internal reference and 0-100% duty cycle capability, the PM8903 can
precisely regulate output voltages ranging from 0.6 V to almost VIN (limited only by minimum
TOFF time). The output voltage accuracy is better than
±1% over line, load and temperature.
The PM8903 embeds low RDS(on) (35 mΩ) N-channel MOSFETs for both HS (high-side) and
LS (low-side) and implements the proprietary pulse-skipping technology, therefore, the
PM8903 guarantees high efficiency over all the load range.
The voltage mode control loop with high bandwidth error amplifier and external
compensation enables a wide range of output filter configurations (including all MLCC
solutions) and fast response to load transient. The high-switching frequency (typically 1.1
MHz) and the small VFQFPN16 3x3 mm package allow very compact VR solutions.
The PM8903 features a full set of protections and output voltage monitoring:
●
Precise and accurate dual level overcurrent protection (internally compensated against
temperature variations)
●
Over and undervoltage protection
●
Overtemperature protection
●
Undervoltage lockout on both signal and power supply
●
Power Good open drain output easily provides real-time information about the output
voltage
By simply connecting two PM8903s through the SYNCH pin, they can synchronize each
other with 180 ° phase shift switching interleaving, reducing RMS current absorption from
the input filter and preventing beating frequency noise, therefore allowing the size and cost
of the input filter to be reduced.
A simple resistor connected from the PSKIP / MS pin to ground enables / disables pulse-
skipping technology and assigns master or slave status to the IC.
The dedicated enable pin (EN) offers easy control on the power sequencing or to reset the
latched protection. Forcing the EN low, the device enters shutdown state and absorbs a total
quiescent current from VCC and VIN less than 15
μA.
5.1
Power section
The PM8903 integrates two low RDS(on) (35 mΩ) N-channel MOSFETs as low-side and
high-side switches, optimized for fast switching transition and high efficiency over all the load
range. The power stage is designed to deliver a continuous output current up to 3 A.
The HS MOSFET drain is connected to the VIN pins (power input), the LS MOSFET source
is connected to the PGND pins (power ground), HS MOSFET source and LS MOSFET drain
are connected together and to the PHASE pins (see
Figure 2 on page 4). The driving
section is supplied from the VIN pins through an internal voltage regulator (VDRIVE) that
assures the proper driving voltage over all the VIN range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com