Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM8903TR
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM8903TR Datasheet HTML 19Page - STMicroelectronics PM8903TR Datasheet HTML 20Page - STMicroelectronics PM8903TR Datasheet HTML 21Page - STMicroelectronics PM8903TR Datasheet HTML 22Page - STMicroelectronics PM8903TR Datasheet HTML 23Page - STMicroelectronics PM8903TR Datasheet HTML 24Page - STMicroelectronics PM8903TR Datasheet HTML 25Page - STMicroelectronics PM8903TR Datasheet HTML 26Page - STMicroelectronics PM8903TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
PM8903
Application information
Doc ID 022748 Rev 1
23/34
Electrolytic capacitors have a large capacitance to minimize voltage deviation during load
transients while they do not show the same ESR values as the MLCC resulting then in
higher ripple voltages.
A mix between an electrolytic and MLCC capacitor can be used to minimize ripple as well as
reducing voltage deviation in dynamic mode.
The high bandwidth error amplifier of PM8903 and external compensation enables a wide
range of output filter configurations (including all MLCC solutions) and fast transient
response.
6.5
Input capacitors
The input capacitor bank is designed considering mainly the input RMS current that
depends on the output deliverable current (IOUT) and the duty-cycle (D) for the regulation as
follows:
The equation reaches its maximum value, IOUT/2, with D = 0.5. The losses depend on the
input capacitor ESR and, in the worst case, are:
I
rms
I
OUT
D1
D
–
()
⋅
⋅
=
PESR
I
OUT 2
⁄
()
2
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com