Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP60UD02 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECP60UD02
Description  60 Watts ECP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP60UD02 Datasheet(HTML) 1 Page - XP Power Limited

  ECP60UD02 Datasheet HTML 1Page - XP Power Limited ECP60UD02 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
60 Watts
•
Low Profile Design
•
Compact Size, 4” x 2”
•
IT & Medical Approvals
•
Single, Dual and Triple Output
•
<0.5 W No Load Input Power
•
Peak Load Capability
•
3 Year Warranty
ECP Series
Input
Input Voltage
• 85-264 VAC, derate from 100% load at
90 VAC to 90% load at 85 VAC
Input Frequency
• 47-63 Hz
Input Current
• 0.85 A max at 115 VAC
Inrush Current
• 100 A max at 230 VAC, cold start at 25 °C
Power Factor
• EN61000-3-2, class A
No Load Input Power
• <0.5 W
Earth Leakage Current
• <250 µA at 264 VAC, 60 Hz
Input Protection
• Internal T2 A/250 V fuse in both
line and neutral
Output
Output Voltage
• See table
Output Voltage Trim
• ±10% on V1 only, output 2 on multi output
models will track by the same percentage
Minimum Load
• 10% minimum load required on all
outputs of multi output models
Start Up Delay
• 1.3 s max
Start Up Rise Time
• 15 ms typical
Hold Up Time
• 16 ms min at full load at 115 VAC
Total Regulation
• Output 1: 2% from 0% load to 100% load
Output 2: 5% from 20% load to 100% load
Output 3: 5% from 10% load to 100% load
Remote Sense
• Fitted to US05 version, compensates for
0.5 V drop
Transient Response
• 4% max deviation, recovering to less than
1% within 500 µs for 50% step load
change at 1 A/µs
Ripple & Noise
• 1% pk-pk (2% for US05 version),
measured with 20 MHz bandwidth
Overvoltage Protection
• 115-140% of nominal output voltage
on V1 only, recycle input to reset
Overload Protection
• 120-160% of nominal power
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• ±0.02%/°C max
Coefficient
xppower.com
General
Efficiency
• 88% typical at 230 VAC and full load
Isolation
• 4000 VAC Input to Output
1500 VAC Input to Ground
500 VDC Output to Ground
Switching Frequency
• 30-130 kHz variable
MTBF
• >400 kHrs to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• -20 °C to +70 °C, derate from 100% load
at 50 °C to 50% load at 70 °C
Cooling
• Natural convection
Operating Humidity
• 5% to 95% RH, non condensing
Operating Altitude
• 3000 m max
Storage Temperature
• -40 °C to +85 °C
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 5 Hz to 500 Hz, 3 axes
EMC & Safety
Emissions
• EN55011/22, level B conducted & level A
radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, ±4 kV indirect contact,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m, Perf Criteria A
EFT / Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
EN60601-1-2, 30% 500 ms, 60% 100 ms,
100% 10 ms, 100% 5000 ms,
Perf Criteria A, A, A, B
Safety Approvals
• EN60950-1, cUL60950-1, IEC60950-1,
EN60601-1, ANSI/AAMI ES60601-1,
CSA22.2 No.60601-1 Including Risk
Management, IEC60601-1


Similar Part No. - ECP60UD02

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ECP HAMMOND-ECP Datasheet
168Kb / 3P
Systeme de commande Eclipse - NEMA 12
logo
XP Power Limited
ECP XPPOWER-ECP Datasheet
362Kb / 2P
Single Outputs from 3.3 to 48 V
logo
Transko Electronics, In...
ECP TRANSKO-ECP Datasheet
410Kb / 1P
PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 2: Apr. 2015
logo
List of Unclassifed Man...
ECP ETC-ECP Datasheet
126Kb / 1P
EURO CONVERTER PLUG (ECP)
ECP-100 ETC-ECP-100 Datasheet
350Kb / 1P
Single-Ear Hose Clamp Pliers, Straight Jaw
More results

Similar Description - ECP60UD02

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
60 Watts
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
60 Watts
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
60 Watts
logo
Emerson Network Power
NPS62-M EMERSON-NETWORKPOWER-NPS62-M Datasheet
388Kb / 3P
60 Watts
logo
XP Power Limited
JCK6024S3V3 XPPOWER-JCK6024S3V3 Datasheet
223Kb / 2P
60 Watts JCK Series
ECP40US05 XPPOWER-ECP40US05 Datasheet
179Kb / 2P
40 Watts ECP Series
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
60 Watts SDS Series
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
60 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com