Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP60UD02 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECP60UD02
Description  60 Watts ECP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP60UD02 Datasheet(HTML) 2 Page - XP Power Limited

  ECP60UD02 Datasheet HTML 1Page - XP Power Limited ECP60UD02 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-Nov-13
ECP60
Mechanical Details
Derating Curve
Models and Ratings
Output
Power
Output 1
Output 2
Output 3
Model Number
Voltage
Current
Peak(1)
Voltage
Current
Peak(1)
Voltage
Current
55 W
+5.0 VDC
11.0 A
14.3 A
ECP60US05
60 W
+5.0 VDC
7.0 A
9.1 A
+12.0 VDC
3.0 A
3.90 A
ECP60UD01
60 W
+5.0 VDC
7.0 A
9.1 A
+15.0 VDC
2.0 A
2.60 A
ECP60UD02
60 W
+5.0 VDC
7.0 A
9.1 A
+24.0 VDC
1.5 A
1.95 A
ECP60UD03
60 W
+5.0 VDC
7.0 A
9.1 A
+12.0 VDC
3.0 A
3.90 A
-12.0 V
0.30 A
ECP60UT01
60 W
+5.0 VDC
7.0 A
9.1 A
+15.0 VDC
2.0 A
2.60 A
-15.0 V
0.30 A
ECP60UT02
60 W
+5.0 VDC
7.0 A
9.1 A
+24.0 VDC
1.5 A
1.95 A
+12.0 V
0.30 A
ECP60UT03
60 W
+5.0 VDC
7.0 A
9.1 A
+24.0 VDC
1.5 A
1.95 A
-12.0 V
0.30 A
ECP60UT04
1. All dimensions are in inches (mm).
2. Weight: 0.34 lbs (155 g) approx.
3. Tolerance: ±0.02 (±0.5) unless stated
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
Notes
Notes
CN1 - Input Connector
Pin 1
Neutral
Pin 2
Not Fitted
Pin 3
Line
CN2 Output Connector
UD/UT
US05
Pin 1
V3
RTN
Pin 2
RTN
RTN
Pin 3
RTN
RTN
Pin 4
V1
+5 V
Pin 5
V1
+5 V
Pin 6
V2
+5 V
Mounting holes marked with
must be connected to safety earth
Mates with JST housing
VHR-6N and JST Series
SVH-21T-P1.1 crimp terminals
CN3 Sense Connector
Pin 1
-Sense
Pin 2
+Sense
Fitted to ECP60US05 only. Mates
with Molex Housing 22-01-1022
and 2759 crimp terminals
Mates with JST housing
VHR-3N and JST Series
SVH-21T-P1.1 crimp terminals
1
6
1
CN3
CN2
1
3
1
6
4.00 (101.6)
1.04
(26.3)
1.20
(30.4)
2.00
(50.8)
1.75
(44.4)
1.75
(44.4)
0.1 (2.5)
0.06 (1.6)
CN2
CN1
Voltage Adj.
3.75 (95.2)
0.13 ±0.01 (3.4 ±0.3)
UD/UT
US05
Mounting holes need to be isolated from ground
-10
-20
0
10
20
30
40
50
60
70
20
40
60
80
100
Ambient Temperature (ºC)
0
80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com