Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSO2802R5DEM Datasheet(PDF) 10 Page - International Rectifier

Part # LSO2802R5DEM
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO2802R5DEM Datasheet(HTML) 10 Page - International Rectifier

Back Button LSO2802R5DEM Datasheet HTML 6Page - International Rectifier LSO2802R5DEM Datasheet HTML 7Page - International Rectifier LSO2802R5DEM Datasheet HTML 8Page - International Rectifier LSO2802R5DEM Datasheet HTML 9Page - International Rectifier LSO2802R5DEM Datasheet HTML 10Page - International Rectifier LSO2802R5DEM Datasheet HTML 11Page - International Rectifier LSO2802R5DEM Datasheet HTML 12Page - International Rectifier LSO2802R5DEM Datasheet HTML 13Page - International Rectifier LSO2802R5DEM Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
www.irf.com
LSO SERIES
28V Input, Single/Dual Output
Output Voltage Adjustment:
Output of LSO singles and duals can be adjusted to be
greater or less the nominal output voltage with an external
resistor. However, the ranges of the output voltages are
limited depending on the model as specified in Table 1 and
Table 2. An approximate value of the resistor can be
determined using the following formula.
For Single Output Model:
For Dual Output Model:
Where:
Radj is the external resistor in ohms, as shown in Fig 7.
Power rating of the resistor shall be
≥ 0.125 W. Metal film
resistor with temperature coefficient of
≤ ± 50 ppm and
tolerance of
≤ 1% is recommended. However, the final
selection is dependent on specific design requirements.
Vovp is the output voltage in volts.
A, B, C and D are unique constants depending on every
model as shown in Table 1 for single output models and
Table 2 for dual output models.
Placement of Radj: An external resistor must be added
in order to trim the output voltage of a LSO converter.
The placement of a Radj resistor must be connected as
shown in Fig. 7.
Singles: Radj is placed across Out Adj and
± Sense
pins. For output voltage greater than nominal voltage,
Radj is placed from Out Adj to –Sense. To have output
voltage less than nominal voltage, place Radj across Out
Adj and +Sense.
Duals: Radj is placed across Out Adj and
± Output pins
respectively.
'8$/
69EÃVQ
69EÃ9PXI
Pˆ‡ƒˆ‡
Sr‡ˆ…
GTP!'YYÃ9
Pˆ‡Ã6qw
Pˆ‡ƒˆ‡
"
!
'
5DGM
69EÃVQ
69EÃ9PXI
Pˆ‡ƒˆ‡
Tr†r
Pˆ‡ƒˆ‡
GTP!'YYÃT
Pˆ‡Ã6qw
Tr†r
"

(
5DGM
'
!
6,1*/(
Fig. 7 - Output Voltage Adjustment
Output voltage
Low range
Output voltage
High range
Constants
3.135 to 3.300
3.300 to 3.465
A
466.4 x106
466.0x106
B
238.3 x106
84.0 x106
C
9550
9550
D
31489
31489
Table 1. LSO2803R3S. Output Voltage Ranges and Constants
Table 2. LSO2805S. Output Voltage Ranges and Constants
Table 3. LSO2815S. Output Voltage Ranges and Constants
Table 4. LSO2805D. Output Voltage Ranges and Constants
Table 5. LSO2815D. Output Voltage Ranges and Constants
Output voltage
Low range
Output voltage
High range
Constants
4.750 to 5.000
5.000 to 5.250
A
588.3 x106
587.8x106
B
264.5 x106
699.6 x106
C
7950
7950
D
39716
39717
Output voltage
Low range
Output voltage
High range
Constants
14.250 to 15.000
15.000 to 15.750
A
588.3 x106
1451.2x106
B
264.5 x106
57.5 x106
C
7950
6540
D
39716
39717
Output voltage
Low range
Output voltage
High range
Constants
r4.750 to r5.000
r5.000 to r5.250
A
1012.4x106
1011.5x106
B
395.0x106
60.1x106
C
6840
6840
D
68344
68344
Output voltage
Low range
Output voltage
High range
Constants
r14.250 to r15.000
r15.000 to r15.750
A
2780.2x106
2777.9x106
B
974.8x106
55.0x106
C
6260
6260
D
187646
187646
Radj =
(B 2 V
)
out
A -
*
(C 2 V
)
*
out
D
-
*
*
Radj =
(B V
)
out
A -
*
(C V
)
* out
D
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com