Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSO2802R5DEM Datasheet(PDF) 15 Page - International Rectifier

Part # LSO2802R5DEM
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO2802R5DEM Datasheet(HTML) 15 Page - International Rectifier

Back Button LSO2802R5DEM Datasheet HTML 10Page - International Rectifier LSO2802R5DEM Datasheet HTML 11Page - International Rectifier LSO2802R5DEM Datasheet HTML 12Page - International Rectifier LSO2802R5DEM Datasheet HTML 13Page - International Rectifier LSO2802R5DEM Datasheet HTML 14Page - International Rectifier LSO2802R5DEM Datasheet HTML 15Page - International Rectifier LSO2802R5DEM Datasheet HTML 16Page - International Rectifier LSO2802R5DEM Datasheet HTML 17Page - International Rectifier LSO2802R5DEM Datasheet HTML 18Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
www.irf.com
15
LSO SERIES
28V Input, Single/Dual Output
Typical Performance Curves: 25°C TC, 28 VDC VIN, Rated Load, unless otherwise specified
Fig. 25 - LSO2805S Full Load, Common Mode, Neagtive Lead.
Fig. 26 - LSO2805S Full Load, Common Mode, Positive Lead.
Fig. 27 - LSO2805S Full Load, Common Mode, Positive Lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com