Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPA50 Datasheet(PDF) 4 Page - C&D Technologies

Part # WPA50
Description  50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPA50 Datasheet(HTML) 4 Page - C&D Technologies

  WPA50 Datasheet HTML 1Page - C&D Technologies WPA50 Datasheet HTML 2Page - C&D Technologies WPA50 Datasheet HTML 3Page - C&D Technologies WPA50 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
.370 [9.40]
MAX
A
.135 [3.43]
.900 ±.010
[22.88 ±.25]
2.300 ±.010
[58.42 ±.25]
.188 [4.78]
.000
[0.00]
.150
[3.81]
.450
[11.43]
.750
[19.05]
.750 [19.05]
.600 [15.24]
.450 [11.43]
.300 [7.62]
.150 [3.81]
1
2
3
8
4
7
6
5
BOTTOM VIEW
(PIN SIDE)
Ø.080 [2.03] 2 Plcs
Ø.062 [1.57] 2 Plcs
Ø.040 [1.02] 6 Plcs
Ø.060 [1.52] 6 Plcs
Dimensions are in inches [mm]
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising
from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose
and in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.
Power Electronics Division, Americas
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.295.4197
C&D Technologies, EMEA/Asia/Pacific
Milton Keynes MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
MECHANICAL
To Find Model Number
Model Numbers
Part Numbers
WPA50R48S012
6064958
WPA50R48S015
6064959
WPA50R48S018
6064960
WPA50R48S022
6064961
WPA50R48S025
6064962
WPA50R48S033
6064963
WPA50R48S050
6064964
WPA50R48S012-1
6064967
WPA50R48S015-1
6064968
WPA50R48S018-1
6064969
WPA50R48S022-1
6064970
WPA50R48S025-1
6064971
WPA50R48S033-1
6064972
WPA50R48S050-1
6064973
ORDERING INFORMATION
WPA5048S
y
-
Device Family
50 Watt, Single Output,
Eighth Brick, 48VDC Input Range
Model Number
Selected from Product Selection Chart (above)
y = 012 = 1.2V, 015 = 1.5V, 018 = 1.8V, 022 = 2.2V,
025 = 2.5V, 033 = 3.3V, 050 - 5.0V,
Remote On/Off Logic
No Number = Positive Logic
1 = Negative Logic
1
+Vin
2
Remote On/Off
3
-Vin
4
-Vout
5
- Sense
6
Trim
7
+ Sense
8
+Vout
PIN FUNCTIONS
NOTES:
Pin placement tolerance: +.010
Pin material: Brass
Pin Finish: Tin/Lead over Nickel
Converter weight: [16g]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com