Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPA50 Datasheet (PDF) - C&D Technologies

WPA50 Datasheet PDF - C&D Technologies
Part # WPA50
Download  WPA50 Download
File Size   156.71 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER

WPA50 Datasheet (PDF)

Go To PDF Page Download Datasheet
WPA50 Datasheet PDF - C&D Technologies

Part # WPA50
Download  WPA50 Click to download

File Size   156.71 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER

WPA50 Datasheet (HTML) - C&D Technologies


WPA50 Product details

The WPA50 Series is a 50 Watt single output, low-profile DC-DC converter in an industry standard package of 2.3” x 0.9” x 0.35” (58.42mm x 22.86mm x 9.0mm). The WPA50 uses unique proprietary technologies to deliver ultrahigh efficiencies and excellent thermal performance.
   
● Industry Standard Footprint & Size -
    2.3” x 0.9” x 0.35”
    (58.42mm x 22.86mm x 9.0mm)
● High Efficiency - Up To 91%
● Wide Input Voltage Range: 36 – 75VDC
● Output Voltages: 1.2 V, 1.5V, 1.8V,
    2.2V, 2.5V, 3.3V & 5.0V
● Remote Output Sense
● Remote ON/OFF (Positive or
    Negative Logic)
● Output Overcurrent Protection -
    Hiccup Mode
● Input Side “L” Filter
● No Minimum Load Required
● Isolation Voltage of 1500 VDC
● High Reliability
● Fixed Frequency Operation
● Safety per UL/CUL 60950, EN 60950,
    Operational Insulation Meets TNV-SELV
    Isolation Requirements
● Meets Conducted Emissions Requirements
    of FCC Class B and EN55022 Class B with
    External Filter
● C&D Technologies, Power Electronics
    Division is ISO9001:2000 Certified
● No Heatsinks
● Low Profile and Low Weight
● Thermal Shutdown
   




Similar Part No. - WPA50

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPA50 MURATA-PS-WPA50 Datasheet
246Kb / 5P
50 Watt Single Output Eighth Brick DC/DC Converter
WPA50R48S012 MURATA-PS-WPA50R48S012 Datasheet
246Kb / 5P
50 Watt Single Output Eighth Brick DC/DC Converter
WPA50R48S015 MURATA-PS-WPA50R48S015 Datasheet
246Kb / 5P
50 Watt Single Output Eighth Brick DC/DC Converter
WPA50R48S018 MURATA-PS-WPA50R48S018 Datasheet
246Kb / 5P
50 Watt Single Output Eighth Brick DC/DC Converter
WPA50R48S022 MURATA-PS-WPA50R48S022 Datasheet
246Kb / 5P
50 Watt Single Output Eighth Brick DC/DC Converter
More results


Similar Description - WPA50

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA50XS CANDD-VKA50XS Datasheet
460Kb / 4P
50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
50 Watt Single Output Half Brick DC/DC Converter
WPA50 MURATA-PS-WPA50 Datasheet
246Kb / 5P
50 Watt Single Output Eighth Brick DC/DC Converter
logo
SynQor Worldwide Headqu...
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
Eighth-brick DC-DC Converter
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
Eighth-brick DC/DC Converter
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com