Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3G5003R3SCKA Datasheet(PDF) 2 Page - International Rectifier

Part # M3G5003R3SCKA
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G5003R3SCKA Datasheet(HTML) 2 Page - International Rectifier

  M3G5003R3SCKA Datasheet HTML 1Page - International Rectifier M3G5003R3SCKA Datasheet HTML 2Page - International Rectifier M3G5003R3SCKA Datasheet HTML 3Page - International Rectifier M3G5003R3SCKA Datasheet HTML 4Page - International Rectifier M3G5003R3SCKA Datasheet HTML 5Page - International Rectifier M3G5003R3SCKA Datasheet HTML 6Page - International Rectifier M3G5003R3SCKA Datasheet HTML 7Page - International Rectifier M3G5003R3SCKA Datasheet HTML 8Page - International Rectifier M3G5003R3SCKA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.irf.com
M3G-SERIES
(50V Input, Single/Dual Output)
Circuit Description
An internal EMI filter reduces the conducted
emissions to less than 5mA rms on the input power
leads. A two-stage output filter reduces the typical
output ripple to less than 20mV peak-to-peak.
Output current is limited under any load fault condition
to approximately 125% of rated. An overload
condition causes the converter output to behave like
a constant current source with the output voltage
dropping below nominal. The converter will resume
normal operation when the load current is reduced
below the current limit point. This protects the
converter from both overload and short circuit
conditions. The current limit point exhibits a slightly
negative temperature coefficient to reduce the
possibility of thermal runaway.
An under-voltage lockout circuit prohibits the
converter from operating when the line voltage is too
low to maintain the output voltage. The converter will
not start until the line voltage rises to approximately
36 volts and will shut down when the input voltage
drops below 34 volts. The two volts of hysteresis
reduces the possibility of line noise interfering with
the converter’s start-up and shut down.
An external inhibit port is provided to control converter
operation. The nominal threshold relative to the
input return (pin 2) is 1.4V. If 2.0 volts or greater are
applied to the Inhibit pin (pin 3) then the converter
will operate normally. A voltage of 0.8V or less will
cause the converter to shut-down. The pin may be
left open for normal operation and has a nominal
open circuit voltage of 4.0V.
Design Methodology
Synchronization input and output allow multiple
converters to operate at a common switching
frequency. Converters can be synchronized to one
another or to an externally provided clock. This can
be used to eliminate beat frequency noise or to avoid
creating noise at certain frequencies for sensitive
systems.
Remote sense is provided on the single output
models to compensate for voltage drops in the
interconnects between the converter and the load.
The output voltage of dual output models can be
adjusted by a single external resistor.
The M3G-Series was developed using a proven
conservative design methodology which includes
selecting radiation tolerant and established reliability
components and fully derating to the requirements
of MIL-STD-975 and MIL-STD-1547 except for the
CDR type ceramic capacitors, a capacitor with 50V
rating is used for in-circuit voltage stress of less than
10V. Careful sizing of decoupling capacitors and
current limiting resistors minimizes the possibility of
photo-current burn-out. Heavy derating of the
radiation hardened power MOSFET virtually
eliminates the possibility of SEGR and SEB. A
magnetic feedback circuit is utilized instead of opto-
couplers to minimize temperature, radiation and
aging sensitivity. PSPICE and RadSPICE were used
extensively to predict and optimize circuit
performance for both beginning and end-of-life.
Thorough design analyses include Radiation
Susceptibility (TREE ), Worst Case, Stress, Thermal,
Failure Modes and Effects (FMEA) and Reliability
(MTBF).
The M3G-Series converters utilize a single-ended
forward topology with resonant reset. The nominal
switching frequency is 500kHz. Electrical isolation
and tight output regulation are achieved through the
use of a magnetically coupled feedback. Voltage
feed-forward with duty factor limiting provides high
line rejection and protection against output over
voltage in the event of an internal control loop failure.
This mechanism limits the maximum output voltage
to approximately 20% over the nominal regardless of
the line voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com