Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3G5003R3SCKA Datasheet(PDF) 3 Page - International Rectifier

Part # M3G5003R3SCKA
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G5003R3SCKA Datasheet(HTML) 3 Page - International Rectifier

  M3G5003R3SCKA Datasheet HTML 1Page - International Rectifier M3G5003R3SCKA Datasheet HTML 2Page - International Rectifier M3G5003R3SCKA Datasheet HTML 3Page - International Rectifier M3G5003R3SCKA Datasheet HTML 4Page - International Rectifier M3G5003R3SCKA Datasheet HTML 5Page - International Rectifier M3G5003R3SCKA Datasheet HTML 6Page - International Rectifier M3G5003R3SCKA Datasheet HTML 7Page - International Rectifier M3G5003R3SCKA Datasheet HTML 8Page - International Rectifier M3G5003R3SCKA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.irf.com
3
M3G-SERIES
(50V Input, Single/Dual Output)
Electrical Performance Characteristics
For Notes to Electrical Performance Characterstics Table, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 50V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Voltage
38
50
60
Output Voltage ( Vout )
M3G5003R3S
M3G5005S
M3G5012S
M3G5015S
M3G5005D
M3G5012D
M3G5015D
M3G5003R3S
M3G5005S
M3G5012S
M3G5015S
M3G5005D
M3G5012D
M3G5015D
1
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
3.28
4.98
11.95
14.94
±4.98
±11.95
±14.94
3.24
4.93
11.84
14.80
±4.93
±11.84
±14.80
3.30
5.00
12.00
15.00
±5.00
±12.00
±15.00
3.32
5.02
12.05
15.06
±5.02
±12.05
±15.06
3.36
5.07
12.16
15.20
±5.07
±12.16
±15.20
V
Output power ( POUT )
M3G5003R3S
All Others
1,2,3
VIN = 38, 50, 60 Volts, Note 2
0
0
30
40
W
Output current ( IOUT )
M3G5003R3S
M3G5005S
M3G5012S
M3G5015S
M3G5005D
M3G5012D
M3G5015D
1,2,3
VIN = 38, 50, 60 Volts, Note 2
Either Output, Note 3
Either Output, Note 3
Either Output, Note 3
0
0
0
0
0
0
0
9.1
8.0
3.34
2.67
6.4
2.67
2.14
A
Line regulation ( VRLINE )
1,2,3
VIN = 38, 50, 60 Volts
IOUT = 0, 50%, 100% rated, Note 4
-10
10
mV
Load regulation ( VRLOAD )
1,2,3
IOUT = 0, 50%, 100% rated, Note 4
VIN = 38, 50, 60 Volts
-0.5
0.5
%
Cross regulation ( VRCROSS )
M3G5005D
M3G5012D
M3G5015D
1,2,3
Duals only, Note 5
VIN = 38, 50, 60 Volts
-5.0
-3.0
-3.0
5.0
3.0
3.0
%
Specifications
1
For operation at +125°C see table note 13
Input voltage range
-0.5Vdc to +80Vdc
Input voltage range
+38Vdc to +60Vdc
Output power
Internally limited
Output power
0 to Max. Rated
Lead temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Operating temperature
-55°C to +135°C
Storage temperature
-55°C to +135°C
Recommended Operating Conditions
Absolute Maximum Ratings
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com