Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802QL-T Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT2802QL-T
Description  5V/2.5A Backup Battery Pack Manager
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802QL-T Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT2802QL-T Datasheet HTML 1Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 2Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 3Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 4Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 5Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACT2802
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
Rev 0, 06-Nov-13
Product Brief
ORDERING INFORMATION
PART NUMBER
BOOST SWITCH
FREQUENCY
OUTPUT
CHARGE
CURRENT
PACKAGE
PACKING
ACT2802QL-T
0.55MHz
5V/2.5A
2.5A
QFN44-24
TAPE & REEL,
3KU/REEL
PIN CONFIGURATION
AGND
PB
HZ
VIN
CSP
CSN
LED1
ILIM
ICST
IOST
1
2
3
4
5
6
78
910
11 12
13
14
15
16
17
19
20
21
22
23
24
nPG
BTV
EP
TOP VIEW
QFN44-24
18



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com