Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802QL-T Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2802QL-T
Description  5V/2.5A Backup Battery Pack Manager
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802QL-T Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2802QL-T Datasheet HTML 1Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 2Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 3Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 4Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 5Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
FEATURES
 Dedicated Single Chip Solution for Mobile
Power With Minimal Component Count
 5V/2.5A Constant Output Current Limit in
Boost Mode
 2.5A Switching Charger Current Limit
 Programmable 4.1V to 4.35V Battery Voltage
 95% Boost Efficiency (Vbat=4.1V)
 Adaptive to 10mA-2400mA Input Sources
 Battery Disconnection at Output Short
 <10µA Low Battery Leakage Current at HZ
Mode During Storage
 Boost Auto Turn-off at No Load and Push
Button Turn-on
 Battery Over Current, Over Voltage, Over
Temperature and Short Circuit Protections
 Boost Auto Startup with Load Detection
 Up to 3.0A Input Current Limit with Prioritized
Power Path to Output
 5V+/-100mV Output Voltage in Boost Mode
 1.1MHz/0.55MHz Switching Frequencies
 2.2uH Inductor and Low Profile Ceramic
Capacitors
 4 LEDs Battery Level and Status Indication
 Battery Impedance Compensation
 Full Cycle of Battery Charge Management
Preconditioning, Fast Charge, Top off and End
of Charge
 Charge Current Foldback at 110°C Die
Temperature
 IC Over Temperature Protection at 160°C
 QFN4x4-24 Package
APPLICATIONS
 Backup Battery Pack
 Power Bank
 Mobile Power
 Standalone Battery Charger with USB Output
GENERAL DESCRIPTION
ACT2802 is a space-saving and high-performance
low-profile single-chip solution for backup battery
pack and standalone battery charger. ACT2802
integrates all the functions that a backup battery
pack needs, including switching charger, boost
converter and LED indication.
ACT2802 operates at 1.1MHz for switching charger
and 0.55MHz for boost converter allowing tiny
external inductor and capacitors. ACT2802 provides
a direct power path from input to output with
programmable current limit while providing power
to switching charger. Output has higher priority than
battery charger if the programmed input current limit
is reached.
ACT2802 charges battery with full cycle of
preconditioning, fast charge with constant current
and constant voltage until end of charge. The
battery charger is thermally regulated at 110°C with
charge current foldback.
ACT2802 boost converter steps battery voltage up
to 5V. Boost converter features high efficiency,
constant current regulation, short circuit protection
and over voltage protection.
ACT2802 provides 3.5mA constant currents to drive
4 LEDs to indicate battery level and charge status.
5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
Product Brief
ACT2802
Output Current (A)
0
0.3
0.6
0.9
2.1
2.4
2.7
1.2
1.5
1.8
5.5
5.0
4.5
4.0
3.5
3.0
Boost CC/CV Profile
VBAT =3.7V
VBAT =3.2V
VBAT =4.1V


Similar Part No. - ACT2802QL-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
586Kb / 21P
5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T1028 ACTIVE-SEMI-ACT2802QL-T1028 Datasheet
885Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T1028 ACTIVE-SEMI-ACT2802QL-T1028 Datasheet
897Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
More results

Similar Description - ACT2802QL-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
2.5A Battery Backup Power Manager
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2801 ACTIVE-SEMI-ACT2801_17 Datasheet
2Mb / 25P
5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
logo
Analog Devices
LTC4041 AD-LTC4041 Datasheet
965Kb / 26P
2.5A Supercapacitor Backup Power Manager
01/19-REV.A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com