Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3400 Datasheet(PDF) 28 Page - ams AG

Part # AS3400
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3400 Datasheet(HTML) 28 Page - ams AG

Back Button AS3400 Datasheet HTML 24Page - ams AG AS3400 Datasheet HTML 25Page - ams AG AS3400 Datasheet HTML 26Page - ams AG AS3400 Datasheet HTML 27Page - ams AG AS3400 Datasheet HTML 28Page - ams AG AS3400 Datasheet HTML 29Page - ams AG AS3400 Datasheet HTML 30Page - ams AG AS3400 Datasheet HTML 31Page - ams AG AS3400 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
OTP Register
10h
ANC_L2
TEST_BIT_5
MICL_VOL_OTP2<6:0>
Gain from MICL to QMICL or Mixer = MUTE, -5.625dB...+41.6dB; 127 steps of 0.375dB
11h
ANC_R2
ALT1_LOCK
MICR_VOL_OTP2<6:0>
Gain from MICR to QMICR or Mixer = MUTE, -5.625dB...+41.6dB; 127 steps of 0.375dB
12h
ANC_L3
TEST_BIT_6
MICL_VOL_OTP3<6:0>
Gain from MICL to QMICL or Mixer = MUTE, -5.625dB...+41.6dB; 127 steps of 0.375dB
13h
ANC_R3
ALT2_LOCK
MICR_VOL_OTP3<6:0>
Gain from MICR to QMICR or Mixer = MUTE, -5.625dB...+41.6dB; 127 steps of 0.375dB
14h
ANC_L4
TEST_BIT_7
MICL_VOL_OTP4<6:0>
Gain from MICL to QMICL or Mixer = MUTE, -5.625dB...+41.6dB; 127 steps of 0.375dB
15h
ANC_R4
ALT3_LOCK
MICR_VOL_OTP4<6:0>
Gain from MICR to QMICR or Mixer = MUTE, -5.625dB...+41.6dB; 127 steps of 0.375dB
16h
MICS_CNTR
LowBat + 100mV
17h
PWRUP
SEQ_LOCK
FAST_START<4:0>
0: ~900ms; 0Eh: ~600ms
LIN_AGC_OFF
MIC_AGC_OFF
30h
ANC_L
TEST_BIT_1
MICL_VOL_OTP<6:0>
Gain from MICL to QMICL or Mixer = MUTE, -5.625dB...+41.6dB; 127 steps of 0.375dB
31h
ANC_R
TEST_BIT_2
MICR_VOL_OTP<6:0>
Gain from MICR to QMICR or Mixer =MUTE, -5.625dB...+41.6dB; 127 steps of 0.375dB
32h
MIC_MON
MON_MODE
0: fixed volume
1: adj. volume
MIC_MON_OTP<6:0>
Gain from MICl/R to QMICL/R or Mixer = MUTE, -5.625dB...+41.6dB; 0.375dB steps, if MON_MODE is set to 0
Gain from MICl/R to QMICL/R or Mixer = MUTE, -5.625dB...+41.6dB; 0.375dB steps, adjustable by VOL pin if MON_MODE is set to 1
33h
AUDIO_SET
VOL_PIN_OFF
VOL_PIN_
MODE
0: potentiometer
1: up/down button
LIN_MODE_
OTP
0: StereoSingleEnd
1: MonoDiff
MIC_MODE_
OTP
0: StereoSingleEnd
1: MonoDiff
HP_MODE_
OTP
0: StereoSingleEnd
1: MonoDiff
LIN_MON_ATTEN<2:0>
0: no attenuation;
1..6: LIN_VOL<6:0> shift by -6dB...-36dB
7: MUTE
34h
GP_OP
HP_MUX_OTP<1:0>
0: MIC; 1: OP1;
2: OP2; 3: -
OP2_OTP<3:0>
0: OP2 inverting mode;
0x1..0xF: OP2 non inverting mode gain = 0...10.5dB; 15 steps of 0.75dB
OP2_ON_OTP
OP1_ON_OTP
35h
OTP_SYS
MAIN_LOCK
0: write reg 30h.. 35h
1: lock reg 30h..35h
TEST_BIT_3
MON_HP_MUX<1:0>
0: MIC; 1: OP1;
2: OP2; 3: -
ILED_OTP<1:0>
0: OFF; 1: 25%;
2: 50%; 3: 100%
MICS_CP_OFF
I2C_MODE
3Eh
CONFIG_1
EXTBURNCLK
3Fh
CONFIG_2
TM34
BURNSW
TM_REG34-35
TM_REG30-33
OTP_MODE<1:0>
0: READ; 1: LOAD;
2: WRITE; 3: BURN
Table 14. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com