Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3400 Datasheet(PDF) 39 Page - ams AG

Part # AS3400
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3400 Datasheet(HTML) 39 Page - ams AG

Back Button AS3400 Datasheet HTML 35Page - ams AG AS3400 Datasheet HTML 36Page - ams AG AS3400 Datasheet HTML 37Page - ams AG AS3400 Datasheet HTML 38Page - ams AG AS3400 Datasheet HTML 39Page - ams AG AS3400 Datasheet HTML 40Page - ams AG AS3400 Datasheet HTML 41Page - ams AG AS3400 Datasheet HTML 42Page - ams AG AS3400 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
39 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - R e g i s t e r D e s c r i p t i o n
Table 34. GP_OP Register
Name
Base
Default
GP_OP
2-wire serial
00h (OTP)
Offset: 34h
OTP General Purpose Operational Amplifier Register
Enables the opamp stages, defines opamp 2 mode and gain and sets the HP input multiplexer. This is
a special register, writing needs to be enabled by writing 10b to Reg 3Fh first. This register is reset at
POR and gets loaded with the OTP fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7:6
HP_MUX_OTP<1:0>
00
R/W
Multiplexes the analog audio signal to HP amp
00: MIC: selects QMICL/R output
01:OP1: selects QOP1L/R outputs
10:OP2: selects QOP2L/R output
11: open: no signal mixed together with the line input signal
5:2
OP2_OTP<3:0>
0000
R/W
Mode and volume settings for OP2, adjustable in 15 steps of 0.75dB
0000: OP2L in inverting mode
0001: 0 dB gain, OP2L in non inverting mode
0001: 0.75 dB gain, non inverting
..,
1110: 9.75dB gain, non inverting
1111:.10.5 dB gain, non inverting
1
OP2_ON
0
R/W
0: OP2 is switched off
1: left OP2 is enabled
0
OPL_ON
0
R/W
0: OP1 is switched off
1: OP1 is enabled
Table 35. OTP_SYS Register
Name
Base
Default
OTP_SYS
2-wire serial
40h (OTP)
Offset: 35h
OTP System Settings Register
Defines several system settings for OTP operation. This is a special register, writing needs to be enabled
by writing 10b to Reg 3Fh first. This register is reset at POR and gets loaded with the OTP fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7
MAIN_LOCK
0
R/W
0: additional bits can be fused inside the OTP
1: OTP fusing gets locked, no more changes can be done
6
TEST_BIT_3
1
R
for testing purpose only
5:4
MON_HP_MUX
<1:0>
00
R/W
Multiplexes the analog audio signal to HP amp in monitor mode
00: MIC: selects QMICL/R output
01: OP1: selects QOP1L/R outputs
10:OP2: selects QOP2L/R output
11: open: no signal mixed together with the line input signal
3:2
ILED_OTP<1:0>
00
W
Sets the current sunk into ILED
00: current sink switched OFF
01: 25%
10: 50%
11: 100%
1
MICS_CP_OFF
0
R/W
0: MICS charge pump is enabled
1: MICS charge pump is switched off
0I2C
0
R/W
0: I2C and stand alone mode start-up possible
1: chip starts-up in I2C mode only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com