Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8945A Datasheet(PDF) 32 Page - Active-Semi, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8945A Datasheet(HTML) 32 Page - Active-Semi, Inc

Back Button ACT8945A Datasheet HTML 28Page - Active-Semi, Inc ACT8945A Datasheet HTML 29Page - Active-Semi, Inc ACT8945A Datasheet HTML 30Page - Active-Semi, Inc ACT8945A Datasheet HTML 31Page - Active-Semi, Inc ACT8945A Datasheet HTML 32Page - Active-Semi, Inc ACT8945A Datasheet HTML 33Page - Active-Semi, Inc ACT8945A Datasheet HTML 34Page - Active-Semi, Inc ACT8945A Datasheet HTML 35Page - Active-Semi, Inc ACT8945A Datasheet HTML 36Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
ACT8945A
Rev 2, 11-Feb-14
- 32 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2014 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
1. To disable the regulator, set ON[ ] to 1 first then
clear it to 0.
REG1, REG2, REG3 Turn-on Delay
Each of REG1, REG2 and REG3 features a
programmable Turn-on Delay which help ensure a
reliable qualification. This delay is programmed by
DELAY[2:0], as shown in Table 6.
Table 6:
REGx/DELAY[ ] Turn-On Delay
Operating Mode
REG1, REG2, and REG3 each operate in fixed-
frequency PWM mode at medium to heavy loads
when MODE[ ] bit is set to 0, and transition to a
proprietary power-saving mode at light loads in
order to maximize standby battery life. In
applications where low noise is critical, force fixed-
frequency PWM operation across the entire load
current range, at the expense of light-load
efficiency, by setting the MODE[ ] bit to 1.
OK[ ] and Output Fault Interrupt
Each DC/DC features a power-OK status bit that
can be read by the system microprocessor via the
I2C interface. If an output voltage is lower than the
power-OK threshold, typically 7% below the
programmed regulation voltage, that regulator's
OK[ ] bit will be 0.
If a DC/DC's nFLTMSK[-] bit is set to 1, the
ACT8945A will interrupt the processor if that
DC/DC's output voltage falls below the power-OK
threshold. In this case, nIRQ will assert low and
remain asserted until either the regulator is turned
off or back in regulation, and the OK[ ] bit has been
read via I2C.
PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout an important part of step-
down DC/DC converter design. A good design
minimizes excessive EMI on the feedback paths
and voltage gradients in the ground plane, both of
which can result in instability or regulation errors.
Step-down DC/DCs exhibit discontinuous input
current, so the input capacitors should be placed as
close as possible to the IC, and avoiding the use of
via if possible. The inductor, input filter capacitor,
and output filter capacitor should be connected as
close together as possible, with short, direct, and
wide traces. The ground nodes for each regulator's
power loop should be connected at a single point in
a star-ground configuration, and this point should
be connected to the backside ground plane with
multiple via. The output node for each regulator
should be connected to its corresponding OUTx pin
through the shortest possible route, while keeping
sufficient distance from switching nodes to prevent
noise injection. Finally, the exposed pad should be
directly connected to the backside ground plane
using multiple via to achieve low electrical and
thermal resistance.
REGx/VSET[2:0]
000
001
010
011
100
101
110
111
000
0.600
0.800
1.000
1.200
1.600
2.000
2.400
3.200
001
0.625
0.825
1.025
1.250
1.650
2.050
2.500
3.300
010
0.650
0.850
1.050
1.300
1.700
2.100
2.600
3.400
011
0.675
0.875
1.075
1.350
1.750
2.150
2.700
3.500
100
0.700
0.900
1.100
1.400
1.800
2.200
2.800
3.600
101
0.725
0.925
1.125
1.450
1.850
2.250
2.900
3.700
110
0.750
0.950
1.150
1.500
1.900
2.300
3.000
3.800
111
0.775
0.975
1.175
1.550
1.950
2.350
3.100
3.900
REGx/VSET[5:3]
Table 5:
REGx/VSET[ ] Output Voltage Setting
DELAY[2] DELAY[1] DELAY[0] TURN-ON DELAY
0
0
0
0 ms
0
0
1
2 ms
0
1
0
4 ms
0
1
1
8 ms
1
0
0
16 ms
1
0
1
32 ms
1
1
0
64 ms
1
1
1
128 ms
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com