Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8945A Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8945A Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT8945A Datasheet HTML 29Page - Active-Semi, Inc ACT8945A Datasheet HTML 30Page - Active-Semi, Inc ACT8945A Datasheet HTML 31Page - Active-Semi, Inc ACT8945A Datasheet HTML 32Page - Active-Semi, Inc ACT8945A Datasheet HTML 33Page - Active-Semi, Inc ACT8945A Datasheet HTML 34Page - Active-Semi, Inc ACT8945A Datasheet HTML 35Page - Active-Semi, Inc ACT8945A Datasheet HTML 36Page - Active-Semi, Inc ACT8945A Datasheet HTML 37Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
ACT8945A
Rev 2, 11-Feb-14
- 33 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2014 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
General Description
REG4, REG5, REG6, and REG7 are low-noise,
low-dropout linear regulators (LDOs) that supply up
to 320mA. Each LDO has been optimized to
achieve low noise and high-PSRR, achieving more
than 65dB PSRR at frequencies up to 10kHz.
Output Current Limit
Each LDO contains current-limit circuitry featuring a
current-limit fold-back function. During normal and
moderate overload conditions, the regulators can
support more than their rated output currents.
During extreme overload conditions, however, the
current limit is reduced by approximately 30%,
reducing power dissipation within the IC.
Compensation
The LDOs are internally compensated and require
very little design effort, simply select input and
output capacitors according to the guidelines below.
Input Capacitor Selection
Each LDO requires a small ceramic input capacitor
to supply current to support fast transients at the
input of the LDO. Bypassing each INL pin to GA
with 1μF. High quality ceramic capacitors such as
X7R and X5R dielectric types are strongly
recommended.
Output Capacitor Selection
Each LDO requires a 3.3μF ceramic output
capacitor for stability. For best performance, each
output capacitor should be connected directly
between the output and GA pins, as close to the
output as possible, and with a short, direct
connection. High quality ceramic capacitors such as
X7R and X5R dielectric types are strongly
recommended.
Configuration Options
Output Voltage Programming
By default, each LDO powers up and regulates to
its default output voltage. Once the system is
enabled, each output voltage may be independently
programmed to a different value by writing to the
regulator's VSET[-] register via the I2C serial
interface as shown in Table 6.
Enable / Disable Control
During normal operation, each LDO may be
enabled or disabled via the I2C interface by writing
to that LDO's ON[ ] bit. The regulator accept rising
or falling edge of ON[ ] bit as on/off signal. To
enable the regulator, clear ON[ ] to 0 first then set to
1. To disable the regulator, set ON[ ] to 1 first then
clear it to 0.
REG4, REG5, REG6, REG7 Turn-on Delay
Each of REG4, REG5, REG6 and REG7 features a
programmable Turn-on Delay which help ensure a
reliable qualification. This delay is programmed by
DELAY[2:0], as shown in Table 6.
Output Discharge
Each of the ACT8945A’s LDOs features an optional
output discharge function, which discharges the
output to ground through a 1.5kΩ resistance when
the LDO is disabled. This feature may be enabled
or disabled by setting DIS[-]; set DIS[-] to 1 to
enable this function, clear DIS[-] to 0 to disable it.
Low-Power Mode
Each of ACT8945A's LDOs features a LOWIQ[-] bit
which, when set to 1, reduces the LDO's quiescent
current by about 16%, saving power and extending
battery lifetime.
OK[ ] and Output Fault Interrupt
Each LDO features a power-OK status bit that can
be read by the system microprocessor via the
interface. If an output voltage is lower than the
power-OK threshold, typically 11% below the
programmed regulation voltage, the value of that
regulator's OK[-] bit will be 0.
If a LDO's nFLTMSK[-] bit is set to 1, the
ACT8945A will interrupt the processor if that LDO's
output voltage falls below the power-OK threshold.
In this case, nIRQ will assert low and remain
asserted until either the regulator is turned off or
back in regulation, and the OK[-] bit has been read
via I2C.
PCB Layout Considerations
The ACT8945A’s LDOs provide good DC, AC, and
noise performance over a wide range of operating
conditions, and are relatively insensitive to layout
considerations. When designing a PCB, however,
careful layout is necessary to prevent other circuitry
from degrading LDO performance.
A good design places input and output capacitors
as close to the LDO inputs and output as possible,
and utilizes a star-ground configuration for all
regulators
to
prevent
noise-coupling
through
ground. Output traces should be routed to avoid
close proximity to noisy nodes, particularly the SW
LOW-NOISE, LOW-DROPOUT LINEAR REGULATORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com