Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP03 Datasheet(PDF) 9 Page - Analog Devices

Part # TMP03
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03 Datasheet(HTML) 9 Page - Analog Devices

Back Button TMP03 Datasheet HTML 5Page - Analog Devices TMP03 Datasheet HTML 6Page - Analog Devices TMP03 Datasheet HTML 7Page - Analog Devices TMP03 Datasheet HTML 8Page - Analog Devices TMP03 Datasheet HTML 9Page - Analog Devices TMP03 Datasheet HTML 10Page - Analog Devices TMP03 Datasheet HTML 11Page - Analog Devices TMP03 Datasheet HTML 12Page - Analog Devices TMP03 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TMP03/TMP04
REV. A
–9–
FREQUENCY – Hz
1
–1
1
10
0
–0.5
0.5
100
1k
100k
1M
10M
10k
NORMAL PSSR
V+ = 5V DC
50mV AC
RLOAD = 10k
TPC 19. Power Supply Rejection vs. Frequency
TEMPERATURE – C
0
–75
–25
25
75
125
175
50
100
150
200
V+ = 5V
250
350
300
400
ILOAD = 5mA
ILOAD = 1mA
ILOAD = 0.5mA
TPC 20. TMP03 Open-Collector Output Voltage
vs. Temperature
AIR VELOCITY – FPM
0
0
100
200
300
400
500
20
40
60
80
V+ = 5V
RLOAD = 10k
100
140
120
TRANSITION FROM 100 C OIL BATH
TO FORCED 25 C AIR
SOIC - NO SOCKET
600
700
TO –92 - WITH SOCKET
TO –92 - NO SOCKET
TPC 21. Thermal Time Constant in Forced Air
TEMPERATURE – C
2
–75
–25
25
75
125
150
8
10
12
14
VOL = 1V
V+ = 5V
16
20
18
6
4
TPC 22. TMP03 Open-Collector Sink Current
vs. Temperature
TIME – sec
25
0
25
50
75
100 125
30
35
VS = 5V
RLOAD = 10k
105
100
TRANSITION FROM 100 C STIRRED
OIL BATH TO STILL 25 C AIR
150 175
SOIC
TO –92
~ 23 SEC (SOIC, NO SOCKET)
~ 40 SEC (TO –92, NO SOCKET)
40
45
50
55
60
65
70
75
80
85
90
95
200 225 250 275 300
TPC 23. Thermal Response Time in Still Air
TIME – sec
25
0
10
20
30
40
50
V+ = 5V
RLOAD = 10k
100
TRANSITION FROM STILL 25 C AIR
TO STIRRED 100 C OIL BATH
60
SOIC
TO –92
1.25 SEC (SOIC IN SOCKET)
2 SEC (TO –92 IN SOCKET)
TPC 24. Thermal Response Time in Stirred Oil Bath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com