Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP03 Datasheet(PDF) 11 Page - Analog Devices

Part # TMP03
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03 Datasheet(HTML) 11 Page - Analog Devices

Back Button TMP03 Datasheet HTML 7Page - Analog Devices TMP03 Datasheet HTML 8Page - Analog Devices TMP03 Datasheet HTML 9Page - Analog Devices TMP03 Datasheet HTML 10Page - Analog Devices TMP03 Datasheet HTML 11Page - Analog Devices TMP03 Datasheet HTML 12Page - Analog Devices TMP03 Datasheet HTML 13Page - Analog Devices TMP03 Datasheet HTML 14Page - Analog Devices TMP03 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TMP03/TMP04
REV. A
–11–
DOUT
TMP03
5V
VLOGIC
GND
4.7k
V+
OPTO-COUPLER
620
a.
DOUT
TMP03
5V
VLOGIC
GND
430
V+
OPTO-COUPLER
270
4.3k
10k
2N2907
b.
Figure 7. Optically Isolating the Digital Output
DOUT
TMP03
5V
GND
4.7k
V+
H11L1
680
5V
Figure 8. An Opto-Isolator with Schmitt Trigger Logic
Gate Improves Output Rise and Fall Times
The TMP03 and TMP04 are superior to analog-output trans-
ducers for measuring temperature at remote locations, because
the digital output provides better noise immunity than an analog
signal. When measuring temperature at a remote location, the
ratio of the output pulses must be maintained. To maintain the
integrity of the pulsewidth, an external buffer can be added. For
example, adding a differential line driver such as the ADM485
permits precise temperature measurements at distances up to
4000 ft. (Figure 9). The ADM485 driver and receiver skew is
only 5 ns maximum, so the TMP04 duty cycle is not degraded.
Up to 32 ADM485s can be multiplexed onto one line by pro-
viding additional decoding.
As previously mentioned, the digital output of the TMP03
provides excellent noise immunity in remote measurement appli-
cations. The user should be aware, however, that heat from an
external cable can be conducted back to the TMP03. This heat
conduction through the connecting wires can influence the
temperature of the TMP03. If large temperature differences
exist within the sensor environment, an opto-isolator, level
shifter or other thermal barrier can be used to minimize measure-
ment errors.
DOUT
TMP04
5V
GND
V+
ADM485
A
B
VCC
DE
DI
NC
5V
Figure 9. A Differential Line Driver for Remote Tempera-
ture Measurement
Microcomputer Interfaces
The TMP03 output is easily decoded with a microcomputer.
The microcomputer simply measures the T1 and T2 periods in
software or hardware, and then calculates the temperature using
the equation in the Output Encoding section of this data sheet.
Since the TMP03’s output is ratiometric, precise control of the
counting frequency is not required. The only timing require-
ments are that the clock frequency be high enough to provide
the required measurement resolution (see the Output Encoding
section for details) and that the clock source be stable. The
ratiometric output of the TMP03 is an advantage because the
microcomputer’s crystal clock frequency is often dictated by the
serial baud rate or other timing considerations.
Pulsewidth timing is usually done with the microcomputer’s
on-chip timer. A typical example, using the 80C51, is shown in
Figure 10. This circuit requires only one input pin on the micro-
computer, which highlights the efficiency of the TMP04’s
pulsewidth output format. Traditional serial input protocols,
with data line, clock and chip select, usually require three or
more I/O pins.
DOUT
TMP04
5V
GND
V+
INPUT
PORT 1.0
OSC
12
TIMER 0
(16-BITS)
TIMER 1
(16-BITS)
80C51
MICROCOMPUTER
TMOD REGISTER
TCON REGISTER
TIMER 0
TIMER 1
TIMER 0
TIMER 1
Figure 10. A TMP04 Interface to the 80C51 Microcomputer
The 80C51 has two 16-bit timers. The clock source for the timers
is the crystal oscillator frequency divided by 12. Thus, a crystal
frequency of 12 MHz or greater will provide resolution of 1
µs
or less.
The 80C51 timers are controlled by two dedicated registers. The
TMOD register controls the timer mode of operation, while
TCON controls the start and stop times. Both the TMOD and
TCON registers must be set to start the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com