Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS670D Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN74LS670D
Description  4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS670D Datasheet(HTML) 1 Page - Motorola, Inc

  SN74LS670D Datasheet HTML 1Page - Motorola, Inc SN74LS670D Datasheet HTML 2Page - Motorola, Inc SN74LS670D Datasheet HTML 3Page - Motorola, Inc SN74LS670D Datasheet HTML 4Page - Motorola, Inc SN74LS670D Datasheet HTML 5Page - Motorola, Inc SN74LS670D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-597
FAST AND LS TTL DATA
4 x 4 REGISTER FILE
WITH 3-STATE OUTPUTS
The TTL / MSI SN54 / 74LS670 is a high-speed, low-power 4 x 4 Register
File organized as four words by four bits. Separate read and write inputs, both
address and enable, allow simultaneous read and write operation.
The 3-state outputs make it possible to connect up to 128 outputs to in-
crease the word capacity up to 512 words. Any number of these devices can
be operated in parallel to generate an n-bit length.
The SN54 / 74LS170 provides a similar function to this device but it features
open-collector outputs.
• Simultaneous Read/Write Operation
• Expandable to 512 Words by n-Bits
• Typical Access Time to 20 ns
• 3-State Outputs for Expansion
• Typical Power Dissipation of 125 mW
CONNECTION DIAGRAM DIP (TOP VIEW)
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
D2
D1
WA WB EW
Q1
ER
Q2
D3
D4
RB
RA
Q4
Q3 GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
D1 – D4
Data Inputs
0.5 U.L.
0.25 U.L.
WA, WB
Write Address Inputs
0.5 U.L.
0.25 U.L.
EW
Write Enable (Active LOW) Input
1.0 U.L.
0.5 U.L.
RA, RB
Read Address Inputs
0.5 U.L.
0.25 U.L.
ER
Read Enable (Active LOW) Input
1.5 U.L.
0.75 U.L.
Q1 – Q4
Outputs (Note b)
65 (25) U.L.
15 (7.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 7.5 U.L. for Military (54) and 15 U.L. for Commercial
(74) Temperature Ranges. The Output HIGH drive factor is 25 U.L. for Military and
65 U.L. for Commercial Temperature Ranges.
SN54/74LS670
4 x 4 REGISTER FILE
WITH 3-STATE OUTPUTS
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
14
13
5
4
12
15 1 2 3
11 10 9 7 6
WA
WB
RA
RB
EW
ER
D1 D2 D3 D4
Q1 Q2 Q3 Q4


Similar Part No. - SN74LS670D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS670D ONSEMI-SN74LS670D Datasheet
129Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS670D TI-SN74LS670D Datasheet
318Kb / 8P
4-BY-4 REGISTER FILES WITH 3-STATE OUTPUTS
SN74LS670D TI-SN74LS670D Datasheet
1Mb / 21P
4-BY-4 REGISTER FILES WITH 3-STATE OUTPUTS
SN74LS670DE4 TI-SN74LS670DE4 Datasheet
1Mb / 21P
4-BY-4 REGISTER FILES WITH 3-STATE OUTPUTS
SN74LS670DG4 TI-SN74LS670DG4 Datasheet
1Mb / 21P
4-BY-4 REGISTER FILES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LS670D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
4 x 4 register file; 3-state
December 1990
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
4 WORD X 4 BIT REGISTER FILE 3 STATE
Oct-1992
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
4 WORDx4 BIT REGISTER FILE(3-STATE)
logo
Fairchild Semiconductor
DM74LS670 FAIRCHILD-DM74LS670 Datasheet
65Kb / 6P
3-STATE 4-by-4 Register File
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
4 x 4 Register File with 3-State Output
HD74HC670 HITACHI-HD74HC670 Datasheet
56Kb / 10P
4-by-4 Register File (with 3-state outputs)
HD74LS670 HITACHI-HD74LS670 Datasheet
102Kb / 7P
4-by-4 Register File(with three-state outputs)
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
4 WORD x 4 BIT REGISTER FILE (3 STATE)
Aug-2001
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
4 x 4 register file 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com