Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS331 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS331
Description  Micropower low-voltage, rail-to-rail comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS331 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS331 Datasheet HTML 3Page - STMicroelectronics TS331 Datasheet HTML 4Page - STMicroelectronics TS331 Datasheet HTML 5Page - STMicroelectronics TS331 Datasheet HTML 6Page - STMicroelectronics TS331 Datasheet HTML 7Page - STMicroelectronics TS331 Datasheet HTML 8Page - STMicroelectronics TS331 Datasheet HTML 9Page - STMicroelectronics TS331 Datasheet HTML 10Page - STMicroelectronics TS331 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID17272 Rev 4
7/27
TS331, TS332, TS334
Electrical characteristics
Table 4. VCC+ = +2.7 V, VCC- = 0 V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
0.5
5
mV
-40 °C < Tamb < +125 °C
6
ΔVio/ΔT Input offset voltage drift
-40 °C < Tamb < +125 °C
3.3
μV/°C
IIB
Input bias current(1)
25
40
nA
-40 °C < Tamb < +125 °C
100
IIO
Input offset current(1)
110
-40 °C < Tamb < +125 °C
100
ICC
Supply current
No load, output low, VICM = 0 V
21
27
μA
-40 °C < Tamb < +125 °C
31
No load, output high, VICM = 0 V
23
30
-40°C < Tamb < +125 °C
34
IOH
Output current leakage
VOUT = VCC+1
10
nA
-40 °C < Tamb < +125 °C
500
VOL
Output voltage low
ISINK = 1 mA
17
30
mV
-40 °C < Tamb < +125 °C
50
ISINK
Output sink current
VOUT = 1.5 V
40
47
mA
-40 °C < Tamb < +125 °C
30
CMRR Common mode rejection ratio
0 < VICM < 2.7 V
54
74
dB
-40 °C < Tamb < +125 °C
53
TPHL
Propagation delay(2)
High to low output level
VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF,
overdrive = 10 mV
320
ns
VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF,
overdrive = 100 mV
220
320
TPLH
Propagation delay(3)
Low to high output level
VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF,
overdrive = 10 mV
550
VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF,
overdrive = 100 mV
420
640
1. Maximum values include unavoidable inaccuracies of the industrial tests.
2. TPHL is measured when the output signal crosses a voltage level at 50% of Vcc with the following conditions: Inverting
input voltage (IN-) = VICM and non-inverting input voltage (IN+) moving from VICM + 100 mV to VICM - overdrive.
3. TPLH is measured when the output signal crosses a voltage level at 50% of Vcc with the following conditions: Inverting
input voltage (IN-) = VICM and non-inverting input voltage (IN+) moving from VICM - 100 mV to VICM + overdrive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com