Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS331 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS331
Description  Micropower low-voltage, rail-to-rail comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS331 Datasheet(HTML) 5 Page - STMicroelectronics

  TS331 Datasheet HTML 1Page - STMicroelectronics TS331 Datasheet HTML 2Page - STMicroelectronics TS331 Datasheet HTML 3Page - STMicroelectronics TS331 Datasheet HTML 4Page - STMicroelectronics TS331 Datasheet HTML 5Page - STMicroelectronics TS331 Datasheet HTML 6Page - STMicroelectronics TS331 Datasheet HTML 7Page - STMicroelectronics TS331 Datasheet HTML 8Page - STMicroelectronics TS331 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DocID17272 Rev 4
5/27
TS331, TS332, TS334
Absolute maximum ratings and operating conditions
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
Toper
Operating temperature range
-40 to +125
°C
VCC
Supply voltage (VCC+) - (VCC-)
-40°C < Tamb < +125°C
1.6 to 5.0
V
VICM
Common mode input voltage range
Tamb = +25°C
-40°C < Tamb < +125°C
(VCC-) - 0.2 to (VCC+) + 0.2
(VCC-) to (VCC+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com