Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2621 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2621
Description  HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2621 Datasheet(HTML) 4 Page - California Eastern Labs

  PS2621 Datasheet HTML 1Page - California Eastern Labs PS2621 Datasheet HTML 2Page - California Eastern Labs PS2621 Datasheet HTML 3Page - California Eastern Labs PS2621 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
PS2621, PS2622, PS2621L, PS2622L
PS2621, PS2622
PIN CONNECTIONS (Units in mm)
OUTLINE DIMENSIONS (Units in mm)
CTR DEGRADATION
CTR Test condition
IF = 5 mA, VCE = 5V
0.8
0.6
0.4
0.2
1.0
0102
103
104
105
IF = 5 mA
IF = 40 mA
IF =
20 mA
Time, Hr
64
1
3
φ 1
2.54
MAX
0.50 ± 0.10
1.34
3.8
MAX
7.62
6.5
0 to 15˚
10.16 MAX
0.25 M
2.54
10.16 MAX
64
13
φ 1
7.62
6.5
0.9± 0.25
9.60 ± 0.4
2.54
MAX
1.34 ± 0.10
0.25 M
2.54
PS2621L, PS2622L
PS2621, PS2621L
PS2622, PS2622L
65
4
12
3
1. Anode
2. Cathode
3. NC
4. Emitter
5. Collector
6. Base
1. Anode
2. Cathode
3. NC
4. Emitter
5. Collector
6. NC
65
4
12
3
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -3/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com