Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2621 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2621
Description  HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2621 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2621 Datasheet HTML 1Page - California Eastern Labs PS2621 Datasheet HTML 2Page - California Eastern Labs PS2621 Datasheet HTML 3Page - California Eastern Labs PS2621 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART NUMBER
PS2621, PS2621L, PS2622, PS2622L
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 100 mA
V
1.3
1.7
IR
Reverse Current, VR = 5 V
µA5
C
Junction Capacitance, V= 0, f = 1.0 MHz
pF
70
ICEO
Collector to Emitter Dark Current, VCE = 80 V, IF = 0
nA
100
BVCEO
Collector to Emitter Breakdown Voltage, IC = 1 mA, IB = 0
V
80
BVECO
Emitter to Collector Breakdown Voltage, IE = 100
µA, IB = 0
V
7
CTR
Current Transfer Ratio, IF = 100 mA, VCE = 3V
%
20
50
VCE(sat)
Collector Saturation Voltage, IF = 100 mA, IC = 4 mA
V
0.3
R1-2
Isolation Resistance, VIN-OUT = 1.0 k V
Ω
1011
C1-2
Isolation Capacitance, V = 0, f = 1.0 MHZ
pF
0.6
tr
Rise Time1, VCC = 5 V, IC = 2 mA
µs3
tf
Fall Time1, VCC = 5 V, IC = 2 mA
µs5
FEATURES
•
HIGH ISOLATION VOLTAGE
BV: 5 k Vr.m.s. MIN
•
LARGE FORWARD INPUT (current)
IF: 150 mA MAX
•
HIGH COLLECTOR TO EMITTER VOLTAGE
VCEO: 80 V MIN
•
HIGH SPEED SWITCHING
tr = 3
µs, tf = 5 µs TYP
DESCRIPTION
PS2621, PS2622 ,PS2621L and PS2622L are optically coupled
isolators containing a GaAs light emitting diode and a NPN
silicon phototransistor. PS2621 and PS2622 are in a plastic
DIP (Dual In-line Package). PS2621L and PS2622L are lead
bending type (Gull-wing) for surface mount. PS2621 and
PS2621L have a base pin. PS2622 and PS2622L have no
base pin.
APPLICATIONS
Interface circuit for various instrumentations and control
equipments.
•
AC LINE / DIGITAL LOGIC
•
DIGITAL LOGIC / DIGITAL LOGIC
•
TWISTED PAIR LINE RECEIVER
•
TELEPHONE / TELEGRAPH LINE RECEIVER
•
HIGH FREQUENCY POWER SUPPLY
FEEDBACK CONTROL
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PS2621
PS2621L
PS2622
PS2622L
HIGH ISOLATION VOLTAGE
6 PIN OPTOCOUPLER
Note:
1. Test Circuit for Switching Time
65
4
12
3
65
4
12
3
PW = 100
µs
Duty Cycle = 1/10
PULSE INPUT
()
IF
VCC
Vout
RL = 100
Ω
50
Ω
1
2
5
4
PS2621
PS2621
PS2622
PS2622
PW = 100
µs
Duty Cycle = 1/10
PULSE INPUT
()
IF
VCC
Vout
RL = 100
Ω
50
Ω
1
2
5
4
6
California Eastern Laboratories


Similar Part No. - PS2621

ManufacturerPart #DatasheetDescription
logo
NEC
PS2621 NEC-PS2621 Datasheet
223Kb / 38P
Optocoupler Applications
logo
California Eastern Labs
PS2621 CEL-PS2621 Datasheet
120Kb / 3P
Safety Standard Certificate for Photocoupler
logo
NEC
PS2621L NEC-PS2621L Datasheet
223Kb / 38P
Optocoupler Applications
More results

Similar Description - PS2621

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2765-1 CEL-PS2765-1 Datasheet
86Kb / 6P
HIGH ISOLATION VOLTAGE AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2761-1 CEL-PS2761-1 Datasheet
346Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2861-1 CEL-PS2861-1 Datasheet
352Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2761-1 RENESAS-PS2761-1 Datasheet
261Kb / 12P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
PS2861-1 RENESAS-PS2861-1 Datasheet
239Kb / 12P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
RV1S2752Q RENESAS-RV1S2752Q Datasheet
274Kb / 12P
AUTOMOTIVE HIGH ISOLATION VOLTAGE, 4-PIN SOP (SO4) PHOTOCOUPLER
Rev.2.00 Mar 09, 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com