Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA300RUI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA300RUI
Description  MA300RUI SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA300RUI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA300RUI Datasheet HTML 1Page - MicroPower Direct, LLC MA300RUI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA324S-05RUI
24
9.0 - 36.0
134
30
3.3
750.0
0.0
77
15.0
680
1,000
MA324S-05RUI
24
9.0 - 36.0
158
30
5.0
600.0
0.0
79
15.0
470
1,000
MA324S-12RUI
24
9.0 - 36.0
152
30
12.0
250.0
0.0
82
15.0
330
1,000
MA324S-15RUI
24
9.0 - 36.0
151
30
15.0
200.0
0.0
83
15.0
220
1,000
MA324S-24RUI
24
9.0 - 36.0
154
30
24.0
125.0
0.0
81
15.0
100
1,000
MA324D-05RUI
24
9.0 - 36.0
130
30
±5.0
±250.0
±0.0
80
15.0
±220
1,000
MA324D-12RUI
24
9.0 - 36.0
152
30
±12.0
±125.0
±0.0
82
15.0
±150
1,000
MA324D-15RUI
24
9.0 - 36.0
152
30
±15.0
±100.0
±0.0
82
15.0
±100
1,000
MA348S-03RUI
48
18.0 - 75.0
67
20
3.3
750.0
0.0
77
10.0
680
500
MA348S-05RUI
48
18.0 - 75.0
78
20
5.0
600.0
0.0
80
10.0
470
500
MA348S-12RUI
48
18.0 - 75.0
75
20
12.0
250.0
0.0
83
10.0
330
500
MA348S-15RUI
48
18.0 - 75.0
74
20
15.0
200.0
0.0
84
10.0
220
500
MA348S-24RUI
48
18.0 - 75.0
76
20
24.0
125.0
0.0
82
10.0
100
500
MA348D-05RUI
48
18.0 - 75.0
65
20
±5.0
±250.0
±0.0
80
10.0
±220
500
MA348D-12RUI
48
18.0 - 75.0
76
20
±12.0
±125.0
±0.0
82
10.0
±150
500
MA348D-15RUI
48
18.0 - 75.0
76
20
±15.0
±100.0
±0.0
82
10.0
±100
500
For 1.5 kV Isolation, See MA300x-xxRU Series Datasheet
For 2:1 Inputs, See MA300x-xxRW Series Datasheet
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.x = ±0.02 (±0.50)
• Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external 3.3 µF ceramic capacitor be
placed from the +VOUT pin to the -VOUT pin for single output units and from each output to common
for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. Operation at no-load will not damage these units.
4. An external 220 µF/100V capacitor connected across the input pins is required to meet
EN61000-4-4 and EN61000-4-5.
5. Dual output units may be connected to provide a 10, 24 or 30 VDC output. To do this, connect the
load across the positive (+VOUT) and negative (-VOUT) outputs and float the output common.
6. The converter should be connected to a low ac-impedance source. An input source with a highly
inductive impedance may affect the stability of the converter. In applications where the converter
output loading is high and input power is supplied over long lines, it may be necessary to use
a capacitor on the input to insure start-up. In this case, it is recommended that a low ESR (ESR
<1.0
at 100 kHz) capacitor be mounted close to the converter. For 24V input units a 4.7 µF is
recommended; and for 48V units a 2.2 µF.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table
above for the correct rating.
Pin
Single
Dual
2, 3
-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22, 23
+VIN
+VIN
NC: No Connection
Pin Connections
Mechanical Dimensions
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com