Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA300RUI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MA300RUI
Description  MA300RUI SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA300RUI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MA300RUI Datasheet HTML 1Page - MicroPower Direct, LLC MA300RUI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
• 3W Output Power
• 4:1 Input Voltage Range
• 3,000 VDC Isolation
• 16 Standard Models
• Single & Dual Outputs
• Compact DIP Case
• -40°C to +85°C Operation
• Industry Standard Pin-Out
MA300RUI
Wide 4:1 Input, 3W,
High 3 kVDC Isolation
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
24 VDC Input
9.0
VDC
48 VDC Input
18.0
Under Voltage Shutdown
24 VDC Input
8.5
VDC
48 VDC Input
17.5
Input Filter
(Pi) Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
±2.0
%
Line Regulation
VIN = Min to Max
±0.3
±1.0
%
Load Regulation
IOUT = 0% to 100%
±0.3
±1.0
%
Ripple & Noise (20 MHz)
See Note 1
70
mV P - P
Transient Recovery Time, See Note 2
25% Load Step Change
200
500
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.01
±0.02
%/°C
Output Overload Protection
Foldback
120
%
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,000
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz/1.0V
500
pF
Switching Frequency
90
kHz
EMI Characteristics
Parameter
Standard
Level
Radiated Emissions
EN 55022
Class A
Conducted Emissions
EN 55022
Class A
ESD
EN 61000-4-2
Criteria A; ±8 kV Air ±6 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 3
EN 61000-4-4
Criteria A; ±2 kV
Surge
See Note 3
EN 61000-4-5
Criteria A; ±1 kV
CS
EN 61000-4-6
Criteria A; 10V/m
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+100
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.25 x 0.80 x 0.40 Inches (31.75 x 20.32 x 10.16 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.45 Oz (12.8g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case for 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series
2:1 Input Range
Models
Available
1.5 kV Isolation
Models
Available


Similar Part No. - MA300RUI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA300RU MPD-MA300RU Datasheet
480Kb / 2P
MA300RU SERIES
More results

Similar Description - MA300RUI

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com