Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28HT256 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT28HT256
Description  256K-Bit CMOS PARALLEL E2PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28HT256 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT28HT256 Datasheet HTML 1Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 2Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 3Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 4Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 5Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 6Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 7Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 8Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT28HT256
8-94
Advanced
Stock No. 21065-03 2/98
Note:
(1) This parameter is tested intitially and after a design or process change that affects the parameter..
(2) A write pulse of less than 20ns duration will not initiate a write cycle.
(3) A timer of duration tBLC max. begins with every LOW to HIGH transition of WE. If allowed to time out, a page or byte write will begin;
however a transition from HIGH to LOW within tBLC max. stops the timer.
(4) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
A.C. CHARACTERISTICS, Write Cycle
VCC = 5V
±10%, unless otherwise specified. (Temperature 0˚C to 170˚C)
28HT256-20
28HT256-25
Symbol
Parameter
Min. Max.
Min.
Max.
Units
tWC
Write Cycle Time
10
10
ms
tAS
Address Setup Time
0
0
ns
tAH
Address Hold Time
75
75
ns
tCS
CE Setup Time
0
0
ns
tCH
CE Hold Time
0
0
ns
tCW(2)
CE Pulse Time
100
100
ns
tOES
OE Setup Time
0
0
ns
tOEH
OE Hold Time
0
0
ns
tWP(2)
WE Pulse Width
100
100
ns
tDS
Data Setup Time
50
50
ns
tDH
Data Hold Time
10
10
ns
tINIT(1)
Write Inhibit Period After Power-up
5
10
5
10
ms
tBLC(1)(3) Byte Load Cycle Time
0.1
100
0.1
100
µs
A.C. CHARACTERISTICS, Read Cycle
VCC = 5V
±10%, unless otherwise specified. (Temperature 0˚C to 170˚C)
28HT256-20
28HT256-25
Symbol
Parameter
Min. Max.
Min.
Max.
Units
tRC
Read Cycle Time
200
250
ns
tCE
CE Access Time
200
250
ns
tAA
Address Access Time
200
250
ns
tOE
OE Access Time
80
100
ns
tLZ(1)
CE Low to Active Output
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
ns
tHZ(1)(4)
CE High to High-Z Output
50
50
ns
tOHZ(1)(4) OE High to High-Z Output
50
50
ns
tOH(1)
Output Hold from Address Change
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com