Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28HT256 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT28HT256
Description  256K-Bit CMOS PARALLEL E2PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28HT256 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT28HT256 Datasheet HTML 1Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 2Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 3Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 4Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 5Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 6Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 7Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 8Page - Catalyst Semiconductor CAT28HT256 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8-91
CAT28HT256
256K-Bit CMOS PARALLEL E2PROM
FEATURES
s Fast Read Access Times: 200/250 ns
s Low Power CMOS Dissipation:
–Active: 30 mA Max.
–Standby: 150
µA Max.
s Simple Write Operation:
–On-Chip Address and Data Latches
–Self-Timed Write Cycle with Auto-Clear
s Fast Write Cycle Time:
–10ms Max
s CMOS and TTL Compatible I/O
s Automatic Page Write Operation:
–1 to 64 Bytes in 10ms
–Page Load Timer
s End of Write Detection:
–Toggle Bit
–
DATA
DATA
DATA
DATA
DATA Polling
s Hardware and Software Write Protection
s 100,000 Program/Erase Cycles
s 100 Year Data Retention
DESCRIPTION
The CAT28HT256 is a fast, low power, 5V-only CMOS
parallel E2PROM organized as 32K x 8-bits. It requires
a simple interface for in-system programming. On-chip
address and data latches, self-timed write cycle with
auto-clear and VCC power up/down write protection
eliminate additional timing and protection hardware.
DATA Polling and Toggle status bits signal the start and
end of the self-timed write cycle. Additionally, the
CAT28HT256 features hardware and software write
protection as well as an internal Error Correction Code
(ECC) for extremely high reliability.
The CAT28HT256 is manufactured using Catalyst’s
advanced CMOS floating gate technology. It is designed
to endure 100,000 program/erase cycles and has a data
retention of 100 years. The device is available in JEDEC
approved 28-pin Ceramic DIP package.
BLOCK DIAGRAM
5096 FHD F02
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Advanced
Extended Temperature: 170˚C
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
WRITE
PROTECTION
CONTROL
LOGIC
TIMER
ROW
DECODER
COLUMN
DECODER
HIGH VOLTAGE
GENERATOR
A6–A14
CE
OE
WE
A0–A5
I/O0–I/O7
I/O BUFFERS
32,768 x 8
E2PROM
ARRAY
64 BYTE PAGE
REGISTER
VCC
DATA POLLING
AND
TOGGLE BIT


Similar Part No. - CAT28HT256

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28HT64D-15 CATALYST-CAT28HT64D-15 Datasheet
219Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28HT64D-20 CATALYST-CAT28HT64D-20 Datasheet
219Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28HT256

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
512K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com