Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT412LS-TPBF Datasheet(PDF) 3 Page - International Rectifier

Part # PVT412LS-TPBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT412LS-TPBF Datasheet(HTML) 3 Page - International Rectifier

  PVT412LS-TPBF Datasheet HTML 1Page - International Rectifier PVT412LS-TPBF Datasheet HTML 2Page - International Rectifier PVT412LS-TPBF Datasheet HTML 3Page - International Rectifier PVT412LS-TPBF Datasheet HTML 4Page - International Rectifier PVT412LS-TPBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series PVT412PbF
www.irf.com
3
A
A
ILED=
ILED=
Figure 2. Current Derating Curves*
Figure 1. Current Derating Curves*
Figure 3. Linearity Characteristics
ILED=
ILED=
PVT412
PVT412L
5 mA control
@ 25°C pulsed
-50
-100
-150
-200
-5.0 -4.0 -3.0 -2.0 -1.0
1.0 2.0 3.0 4.0 5.0
50
100
150
200
Figure 4. Typical Normalized On-Resistance
Connection Diagrams
*Deratingof‘B’and‘C’connectionat+85Cwillbe70%ofthatspecifiedat+40Candislinearfrom+40Cto+85C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com