Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT412LS-TPBF Datasheet(PDF) 4 Page - International Rectifier

Part # PVT412LS-TPBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT412LS-TPBF Datasheet(HTML) 4 Page - International Rectifier

  PVT412LS-TPBF Datasheet HTML 1Page - International Rectifier PVT412LS-TPBF Datasheet HTML 2Page - International Rectifier PVT412LS-TPBF Datasheet HTML 3Page - International Rectifier PVT412LS-TPBF Datasheet HTML 4Page - International Rectifier PVT412LS-TPBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series PVT412PbF
www.irf.com
4
Figure 6. Input Characteristics (Current Controlled)
Figure 9. Typical Output Capacitance
CAUTION: Provide
current limiting so that
25 mA max. steady-state
control current rating
is not exceeded.
Figure 5. Typical Normalized Off-State Leakage
Delay Time (microseconds)
50 100 200
500
20
1000 2000
20
10
5
3
toff
tdly ton
Figure 7. Typical Delay Time
Figure 8. Delay Time Definitions
ID
10%
tdly
ton
toff
ILED
90%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com