Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC06LC18X500RP Datasheet(PDF) 2 Page - AVX Corporation

Part # VC06LC18X500RP
Description  AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for CMOS, Bi Polar and SiGe Based Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC06LC18X500RP Datasheet(HTML) 2 Page - AVX Corporation

  VC06LC18X500RP Datasheet HTML 1Page - AVX Corporation VC06LC18X500RP Datasheet HTML 2Page - AVX Corporation VC06LC18X500RP Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
41
StaticGuard
AVX Multilayer Ceramic Transient Voltage Suppressors
ESD Protection for CMOS, Bi Polar and SiGe Based Systems
VC08LC18A500 Capacitance Histogram
14%
12%
10%
8%
6%
4%
2%
0%
14%
12%
10%
8%
6%
4%
2%
0%
Capacitance (pF)
Measured Data
Calculated Distribution
1MHz, 0.5VRMS
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
VC06LC18X500 Capacitance Histogram
30%
20%
25%
15%
5%
10%
0%
Capacitance (pF @ 1MHz & 0.5V)
Measured Data
Calculated
45
50
55
60
65
VC06LC18X500
VC08LC18A500
VC12LC18A500
0
-10
-20
-30
-40
DB
0
500
1000
1500
2000
2500
Frequency (MHz)
50
45
40
35
30
1
10
100
1000
10000
Number of ESD Strikes
VC12LC18A500
VC08LC18A500
VC06LC18X500
StaticGuard ESD RESPONSE�
IEC 1000-4-2
(8 Kv Contact Discharge)
VI Curves - StaticGuard Products
100
80
60
40
20
0
10-9
10-6
10-3
10+0
10+3
Current (A)
06LC
08LC
12LC
10LC
VC12LC18A500 Capacitance Histogram
14%
12%
10%
8%
6%
4%
2%
0%
14%
12%
10%
8%
6%
4%
2%
0%
Capacitance (pF)
Measured Data
Calculated Distribution
1MHz, 0.5VRMS
161 163 165 167 169 171 173 175 177 179 181 183 185 187 189
StaticGuard S21
TYPICAL PERFORMANCE DATA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com