Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC06LC18X500RP Datasheet(PDF) 1 Page - AVX Corporation

Part # VC06LC18X500RP
Description  AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for CMOS, Bi Polar and SiGe Based Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC06LC18X500RP Datasheet(HTML) 1 Page - AVX Corporation

  VC06LC18X500RP Datasheet HTML 1Page - AVX Corporation VC06LC18X500RP Datasheet HTML 2Page - AVX Corporation VC06LC18X500RP Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
40
StaticGuard
AVX Multilayer Ceramic Transient Voltage Suppressors
ESD Protection for CMOS, Bi Polar and SiGe Based Systems
• Typical ESD failure voltage for CMOS and/or Bi Polar
is ≥ 200V.
• 15kV ESD pulse (air discharge) per IEC 1000-4-2,
Level 4, generates < 20 millijoules of energy.
• Low capacitance (<200pF) is required for high-speed
data transmission.
• Low leakage current (I
L) is necessary for battery
operated equipment.
GENERAL INFORMATION
Termination/Lead Finish Code
Packaging Code
StaticGuard
AVX
Working
Working
Clamping
Test
Maximum
Transient
Peak
Typical
Case
Elements
Part Number
Voltage
Voltage
Voltage
Current
Leakage
Energy
Current
Cap
Size
(DC)
(AC)
For V
C
Current
Rating
Rating
VC04LC18V500 _ _
≤18.0
≤14.0
50
1
10
0.02
15
40
0402
1
VC06LC18X500 _ _
≤18.0
≤14.0
50
1
10
0.05
30
50
0603
1
VC08LC18A500 _ _
≤18.0
≤14.0
50
1
10
0.10
30
80
0805
1
VC12LC18A500 _ _
≤18.0
≤14.0
50
1
10
0.10
30
200
1206
1
VA10LC18A500 _ _
≤18.0
≤14.0
50
1
10
0.10
30
200
Axial
1
V
W (DC)
DC Working Voltage (V)
V
W (AC)
AC Working Voltage (V)
V
C
Clamping Voltage (V @ I
VC )
I
VC
Test Current for V
C (A, 8x20μS)
I
L
Maximum Leakage Current at the Working Voltage (μA)
E
T
Transient Energy Rating (J, 10x1000μS)
I
P
Peak Current Rating (A, 8x20μS)
Cap
Typical Capacitance (pF) @ frequency specified and 0.5 V
PART NUMBER IDENTIFICATION
V C 08 LC 18 A 500 R P
TERMINATION FINISH:
P = Ni/Sn Alloy (Plated)
PACKAGING (Pcs/Reel)
CLAMPING VOLTAGE
ENERGY RATING
WORKING VOLTAGE (0-18VDC)
LOW CAPACITANCE DESIGN
CASE SIZE DESIGNATOR
CASE STYLE
PRODUCT DESIGNATOR
V A 10 LC 18 A 500 R L
LEAD FINISH:
L = Copper Clad Steel,
Solder Coated
PACKAGING (Pcs/Reel)
CLAMPING VOLTAGE
ENERGY RATING
WORKING VOLTAGE (0-18VDC)
LOW CAPACITANCE DESIGN
CASE SIZE DESIGNATOR
CASE STYLE
PRODUCT DESIGNATOR
Chips
Axials
Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.


Similar Part No. - VC06LC18X500RP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC06LC18X500 AVX-VC06LC18X500 Datasheet
109Kb / 3P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for CMOS, Bi Polar and SiGe Based Systems
VC06LC18X500 AVX-VC06LC18X500 Datasheet
105Kb / 8P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC06LC18X500RP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC04LC18V500WP AVX-VC04LC18V500WP Datasheet
109Kb / 3P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for CMOS, Bi Polar and SiGe Based Systems
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
MG064S18A400RP AVX-MG064S18A400RP Datasheet
157Kb / 4P
MultiGuard (2&4 Elements) AVX Multilayer Ceramic Transient Voltage Suppression Arrays ??ESD Protection for CMOS and Bi Polar Systems
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC06AG18120YAT1A AVX-VC06AG18120YAT1A Datasheet
130Kb / 4P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for Antennas and Low Capacitor Loading Applications
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com