Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT521 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT521
Description  8-Bit Digital POT With Independent Reference Inputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT521 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT521 Datasheet HTML 1Page - Catalyst Semiconductor CAT521 Datasheet HTML 2Page - Catalyst Semiconductor CAT521 Datasheet HTML 3Page - Catalyst Semiconductor CAT521 Datasheet HTML 4Page - Catalyst Semiconductor CAT521 Datasheet HTML 5Page - Catalyst Semiconductor CAT521 Datasheet HTML 6Page - Catalyst Semiconductor CAT521 Datasheet HTML 7Page - Catalyst Semiconductor CAT521 Datasheet HTML 8Page - Catalyst Semiconductor CAT521 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAT521
5
Advanced Information
PIN DESCRIPTION
Pin
Name
Function
1VDD
Power supply positive
2
CLK
Clock input pin
3
RDY/
BSY
Ready/Busy output
4
CS
Chip select
5
DI
Serial data input pin
6
DO
Serial data output pin
7
PROG
EEPROM Programming Enable
Input
8
GND
Power supply ground
9VREFL1
Minimum DAC 1 output voltage
10
NC
No Connect
11
NC
No Connect
12
VOUT1
DAC 1 output
13
NC
No Connect
14
VREFH1
Maximum DAC 1 output voltage
DEVICE OPERATION
The CAT521 is a single 8-bit Digital to Analog Converter
(DAC) whose output can be programmed to any one of
256 individual voltage steps. Once programmed, the
output setting is retained in non-volatile EEPROM
memory and will not be lost when power is removed from
the chip. Upon power up the DAC returns to the setting
stored in EEPROM memory. The DAC can be written to
and read from without effecting the output voltage during
the read or write cycle. The output can also be adjusted
without altering the stored output setting, which is useful
for testing new output settings before storing them in
memory.
DIGITAL INTERFACE
The CAT521 employs a standard 3 wire serial control
interface consisting of Clock (CLK), Chip Select (CS)
and Data In (DI) inputs. For all operations, address and
data are shifted in LSB first. In addition, all digital data
must be preceded by a logic “1” as a start bit. The DAC
address and data are clocked into the DI pin on the
clock’s rising edge. When sending multiple blocks of
information a minimum of two clock cycles is required
between the last block sent and the next start bit.
Multiple devices may share a common input data line by
selectively activating the CS control of the desired IC.
Data Outputs (DO) can also share a common line
because the DO pin is Tri-Stated and returns to a high
impedance when not in use.
CHIP SELECT
Chip Select (CS) enables and disables the CAT521’s
read and write operations. When CS is high data may be
read to or from the chip, and the Data Output (DO) pin is
active. Data loaded into the DAC control register will
remain in effect until CS goes low. Bringing CS to a logic
low returns all DAC outputs to the settings stored in
EEPROM memory and switches DO to its high imped-
ance Tri-State mode.
Because CS functions like a reset the CS pin has been
desensitized with a 30 ns to 90 ns filter circuit to prevent
noise spikes from causing unwanted resets and the loss
of volatile data.
CLOCK
The CAT521’s clock controls both data flow in and out of
the device and EEPROM memory cell programming.
Serial data is shifted into the DI pin and out of the DO pin
on the clock’s rising edge. While it is not necessary for
the clock to be running between data transfers, the clock
must be operating in order to write to EEPROM memory,
even though the data being saved may already be
resident in the DAC control register.
No clock is necessary upon system power-up. The
CAT521’s internal power-on reset circuitry loads data
from EEPROM to the DAC without using the external
clock.
DAC addressing is as follows:
DAC OUTPUT
A0
A1
VOUT10
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com