Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT521 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT521
Description  8-Bit Digital POT With Independent Reference Inputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT521 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT521 Datasheet HTML 1Page - Catalyst Semiconductor CAT521 Datasheet HTML 2Page - Catalyst Semiconductor CAT521 Datasheet HTML 3Page - Catalyst Semiconductor CAT521 Datasheet HTML 4Page - Catalyst Semiconductor CAT521 Datasheet HTML 5Page - Catalyst Semiconductor CAT521 Datasheet HTML 6Page - Catalyst Semiconductor CAT521 Datasheet HTML 7Page - Catalyst Semiconductor CAT521 Datasheet HTML 8Page - Catalyst Semiconductor CAT521 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
DO
PROG
RDY/BSY
CLK
1
2
3
4
5
6
7
14
13
12
11
8
10
9
VDD
VREF H1
GND
VOUT1
CS
DI
VREF L1
NC
NC
NC
DO
PROG
RDY/BSY
CLK
1
2
3
4
5
6
7
14
13
12
11
8
10
9
VDD
VREF H1
GND
VOUT1
CS
DI
VREF L1
NC
NC
NC
CAT521
8-Bit Digital POT With Independent Reference Inputs
FEATURES
s Buffered Outputs
s Output settings retained without power
s Output range includes both supply rails
s Programming voltage generated on-chip
s Serial
µP interface
s Single supply operation: 2.7V-5.5V
APPLICATIONS
s Automated product calibration.
s Remote control adjustment of equipment
s Offset, gain and zero adjustments in Self-
Calibrating and Adaptive Control systems.
s Tamper-proof calibrations.
DESCRIPTION
The CAT521 is a dual 8-Bit Memory DAC designed as an
electronic replacement for mechanical potentiometers
and trim pots. Intended for final calibration of products
such as camcorders, fax machines and cellular tele-
phones on automated high volume production lines and
systems capable of self calibration, it is also well suited
for applications were equipment requiring periodic ad-
justment is either difficult to access or located in a
hazardous environment.
The CAT521 consists of a programmable DAC with
independent high and low reference inputs and is ca-
pable of a rail to rail output swing. The output is buffered
by a rail to rail OP AMP. Output settings, stored in non-
volatile EEPROM memory, are not lost when the device
is powered down and are automatically reinstated when
power is returned. The output can be dithered to test
new output values without effecting the stored settings
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
and stored settings can be read back without disturbing
the DAC’s output.
Control of the CAT521 is accomplished with a simple 3
wire serial interface. A Chip Select pin allows several
CAT521's to share a common serial interface and com-
munications back to the host controller is via a single
serial data line thanks to the CAT521’s Tri-Stated Data
Output pin. A RDY/
BSY output working in concert with
an internal low voltage detector signals proper operation
of EEPROM Erase/Write cycle.
The CAT521 operates from a single 3–5 volt power
supply. The high voltage required for EEPROM Erase/
Write operations is generated on-chip.
The CAT521 is available in the 0
°C to 70°C Commercial
and –40
°C to +85°C Industrial operating temperature
ranges and offered in 14-pin plastic DIP and Surface
mount packages.
DIP Package (P)
SOIC Package (J)
CAT521
© 2001 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Advanced Information
CAT521
CAT521
GND
EEPROM
LATCH
DAC 1
12
PROG
RDY/
BSY
PROGRAM
CONTROL
H.V.
CHARGE
PUMP
SERIAL DATA OUTPUT
V
1
OUT
V
L1
REF
V
H1
REF
DO
VDD
DATA
CONTROLLER
14
3
CLK
CS
2
4
5
7
9
8
1
6
DI
+
–


Similar Part No. - CAT521

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT521 CATALYST-CAT521 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
CAT521 CATALYST-CAT521 Datasheet
207Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
logo
Catalyst Semiconductor
CAT521J-TE10 CATALYST-CAT521J-TE10 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
More results

Similar Description - CAT521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV.B
logo
Catalyst Semiconductor
CAT511 CATALYST-CAT511 Datasheet
56Kb / 9P
8-Bit Digital POT with Independent Reference Inputs
CAT512 CATALYST-CAT512 Datasheet
71Kb / 10P
8-Bit Dual Digital POT with Independent Reference Inputs
CAT513 CATALYST-CAT513 Datasheet
71Kb / 10P
8-Bit Dual Digital POT
CAT514 CATALYST-CAT514 Datasheet
84Kb / 11P
8-Bit Quad Digital POT
CAT515 CATALYST-CAT515 Datasheet
85Kb / 12P
8-Bit Quad Digital POT with Independent Reference Inputs
CAT522 CATALYST-CAT522 Datasheet
70Kb / 10P
8-Bit Dual Digital POT With Independent Reference Inputs
logo
Microchip Technology
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
logo
Analog Devices
AD7225LNZ AD-AD7225LNZ Datasheet
400Kb / 24P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
logo
Microchip Technology
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com