Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS76 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN74LS76
Description  DUAL JK FLIP-FLOP WITH SET AND CLEAR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS76 Datasheet(HTML) 1 Page - Motorola, Inc

  SN74LS76 Datasheet HTML 1Page - Motorola, Inc SN74LS76 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-79
FAST AND LS TTL DATA
DUAL JK FLIP-FLOP
WITH SET AND CLEAR
The SN54/ 74LS76A offers individual J, K, Clock Pulse, Direct Set and Di-
rect Clear inputs. These dual flip-flops are designed so that when the clock
goes HIGH, the inputs are enabled and data will be accepted. The Logic Level
of the J and K inputs will perform according to the Truth Table as long as mini-
mum set-up times are observed. Input data is transferred to the outputs on the
HIGH-to-LOW clock transitions.
MODE SELECT — TRUTH TABLE
OPERATING MODE
INPUTS
OUTPUTS
OPERATING MODE
SD
CD
J
K
Q
Q
Set
Reset (Clear)
*Undetermined
Toggle
Load “0” (Reset)
Load “1” (Set)
Hold
L
H
L
H
H
H
H
H
L
L
H
H
H
H
X
X
X
h
l
h
l
X
X
X
h
h
l
l
H
L
H
q
L
H
q
L
H
H
q
H
L
q
*Both outputs will be HIGH while both SD and CD are LOW, but the output states are unpredictable
if SD and CD go HIGH simultaneously.
H,h = HIGH Voltage Level
L,l = LOW Voltage Level
X = Immaterial
l, h (q) = Lower case letters indicate the state of the referenced input (or output) one setup time prior
to the HIGH-to-LOW clock transition
LOGIC DIAGRAM
Q
CLEAR (CD)
J
CLOCK (CP)
K
SET (SD)
Q
SN54/74LS76A
DUAL JK FLIP-FLOP
WITH SET AND CLEAR
LOW POWER SCHOTTKY
LOGIC SYMBOL
16
1
4
15
14
K
Q
CP
J
Q
SD
VCC = PIN 5
GND = PIN 13
12
6
9
11
10
K
Q
CP
J
Q
CD
7
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
2
3
8
CD
SD


Similar Part No. - SN74LS76

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS76 ONSEMI-SN74LS76 Datasheet
93Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS76 TI-SN74LS76 Datasheet
531Kb / 13P
DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
logo
ON Semiconductor
SN74LS76A ONSEMI-SN74LS76A Datasheet
93Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS76A TI-SN74LS76A Datasheet
531Kb / 13P
DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
logo
ON Semiconductor
SN74LS76A ONSEMI-SN74LS76A Datasheet
54Kb / 4P
Dual JK Flip-Flop with Set and Clear
October, 2001 ??Rev. 7
More results

Similar Description - SN74LS76

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC76 MOTOROLA-MC74HC76 Datasheet
148Kb / 5P
Dual JK Flip-Flop With Set and Reset
logo
NXP Semiconductors
74HC109 PHILIPS-74HC109 Datasheet
65Kb / 9P
Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Hitachi Semiconductor
HD74AC107 HITACHI-HD74AC107 Datasheet
57Kb / 10P
Dual JK Flip-Flop (with Separate Clear and Clock)
logo
ON Semiconductor
SN74LS76A ONSEMI-SN74LS76A_01 Datasheet
54Kb / 4P
Dual JK Flip-Flop with Set and Clear
October, 2001 ??Rev. 7
logo
Renesas Technology Corp
HD74AC107 RENESAS-HD74AC107 Datasheet
214Kb / 7P
Dual JK Flip-Flop (with Separate Clear and Clock)
logo
ON Semiconductor
MC74LVX74 ONSEMI-MC74LVX74_14 Datasheet
113Kb / 7P
Dual D-Type Flip-Flop with Set and Clear
August, 2014 ??Rev. 5
logo
Nexperia B.V. All right...
74HCT109 NEXPERIA-74HCT109 Datasheet
271Kb / 16P
Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 5 - 5 August 2021
74HCT109-Q100 NEXPERIA-74HCT109-Q100 Datasheet
257Kb / 16P
Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com