Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB5000RW Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MB5000RW
Description  MB5000RW SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB5000RW Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MB5000RW Datasheet HTML 1Page - MicroPower Direct, LLC MB5000RW Datasheet HTML 2Page - MicroPower Direct, LLC MB5000RW Datasheet HTML 3Page - MicroPower Direct, LLC MB5000RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
MB50xxS-03RW Without Heatsink
MB50xxS-03RW With Heatsink
MB5024/48S-05RW, -12RW, -15RW Without Heatsink
MB5024/48S-05RW, -12RW, -15RW With Heatsink
MB5012S-12RW, 15RW & MB50xxS-24RW Without Heatsink
MB5012S-12RW, 15RW & MB50xxS-24RW With Heatsink
MB5012S-05RW Without Heatsink
MB5012S-05RW With Heatsink
Derating Curves
www.micropowerdirect.com
Parameter
Standard
Radiated Emissions
EN 55022
Class A/B
Conducted Emissions
EN 55022
Class A/B
ESD
EN 61000-4-2 Criteria B; ±8 kV Air, ±6 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT, See Notes
EN 61000-4-4
Criteria A; ±2 kV
Surge, See Notes
EN 61000-4-5
Criteria A; ±1 kV
CS
EN 61000-4-6
Criteria A; 10 V/m
All units should meet EN 55022 (CE/RE) class A/B
with the simple external circuit shown; using the
component values given in the table.
To meet the requirements of EN 61000-4-4 and
EN 61000-4-5, the value of C1 should be changed
to 330 µF/200V. Contact the factory for more
information.
Standard
Model
C1
C2
L1
C3
C4
EN55022 Class A
MB5012x-xxRW
22 µF/25V 1210 MLCC
---
---
---
---
MB5024x-xxRW
3.3 µF/50V 1210 MLCC
---
---
---
---
MB5048x-xxRW 2.2 µF/100V 1210 MLCC
---
---
---
---
EN55022 Class B MB50xxS-xxRW
3.3 µF/100V 1210/X7S
3.3 µF/100V 1210/X7S
1 mH
1,000 pF/2kV 1808 X7R
1,000 pF/2kV 1808 X7R
EMC Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com