Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB5000RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MB5000RW
Description  MB5000RW SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB5000RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MB5000RW Datasheet HTML 1Page - MicroPower Direct, LLC MB5000RW Datasheet HTML 2Page - MicroPower Direct, LLC MB5000RW Datasheet HTML 3Page - MicroPower Direct, LLC MB5000RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features:
• 50W Output Power
• 2:1 Input Voltage Range
• 1,500 VDC Isolation
• 15 Standard Models
• Efficiency to 92%
• Compact 1 x 2 Inch Case
• Wide Temp Operation
• Industry Standard Pin-Out
• Low Cost
MB5000RW
Compact, 1 x 2 Inch
50W, 2:1 Input Range
DC/DC Converters
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
12 VDC Input
9.0
VDC
24 VDC Input
18.0
48 VDC Input
36.0
Input Shutdown Voltage
12 VDC Input
8.3
VDC
24 VDC Input
16.5
48 VDC Input
33.0
Input Filter
LC Filter
Start-Up Time
See Note 1
30
mS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation
Min Load to Full Load
±0.5
%
Ripple & Noise, See Note 2
3.3 & 5.0 Vout Models
100
mV P - P
12, 15 & 24 Vout Models
150
mV P - P
Transient Recovery Time, See Note 3
25% Load Step Change
250
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.02
%/°C
Over Temperature Protection
Shutdown Temperature
110
°C
Output Power Protection
150
%
Output Short Circuit, See Note 4
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
2,200
pF
Switching Frequency
See Note 5
320
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range,
Ambient Without Heatsink
MB50xxS-03RW
-40
+25
+56
°C
MB5024S-05RW, -12RW, -15RW
MB5048S-05RW, -12RW, -15RW
+53
MB5012S-12RW, -15RW, -24RW
MB5024S-24RW, MB5048S-24RW
+46
MB5012S-05RW
+38
Operating Temperature Range,
Ambient With Heatsink
MB50xxS-03RW
-40
+25
+64
°C
MB5024S-05RW, -12RW, -15RW
MB5048S-05RW, -12RW, -15RW
+62
MB5012S-12RW, -15RW, -24RW
MB5024S-24RW, MB5048S-24RW
+56
MB5012S-05RW
+49
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size, See Note On Page 4
2.0 x 1.0 x 0.43 Inches (50.8 x 25.4 x 11.0 mm)
Case Material
Metal with Non-Conductive Base
Weight
1.06 Oz (30g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
224.7
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
25.0
VDC
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - MB5000RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB5000RU MPD-MB5000RU Datasheet
1Mb / 4P
MB5000RU SERIES
More results

Similar Description - MB5000RW

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com