Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6145 Datasheet(PDF) 3 Page - Sanken electric

Part # 2SC6145
Description  Audio Amplification Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC6145 Datasheet(HTML) 3 Page - Sanken electric

  2SC6145 Datasheet HTML 1Page - Sanken electric 2SC6145 Datasheet HTML 2Page - Sanken electric 2SC6145 Datasheet HTML 3Page - Sanken electric 2SC6145 Datasheet HTML 4Page - Sanken electric 2SC6145 Datasheet HTML 5Page - Sanken electric 2SC6145 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SANKEN ELECTRIC CO., LTD.
Audio Amplification Transistor
2SC6145
38106
Performance Characteristics
VCE (V)
IC vs. VCE
VCE(sat) vs. IB
IC vs. VBE
VCE = 4 V Continuous
VBE (V)
IC= 5 A
IC= 10 A
0
5
10
15
0
5
10
15
3
2
1
0
0
0.5
1.0
1.5
2.0
02
13
4
IB= 20 mA
50 mA
100 mA
200 mA
500 mA
300 mA
IB (A)
0
0.5
1.0
1.5
2.0
0.01
0.1
1
10
100
10
0
20
50
60
70
80
30
40
0.01
0.10
1.00
10.00
110
100
1000
RθJA vs. t
t (ms)
fT vs. IE
VCE = 12 V Continuous
–IE (A)
Typ.
PC vs. TA
0
50
100
150
200
0
25
50
75
100
125
150
TA (°C)
Without Heatsink
W
ith
Infinite
Hea
tsin
k
3.5
hFE vs. IC
VCE = 4 V Continuous
IC (A)
0.01
0.1
1
10
DC
10
ms
100
10
1
100
1000
125°C
25°C
–30°C
1
10
100
1000
0.1
0.01
1.0
10.0
100.0
VCE (V)
Safe Operating
Area
TA= 25°C, single pulse,
no heatsink,
natural cooling



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com