Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6145 Datasheet(PDF) 4 Page - Sanken electric

Part # 2SC6145
Description  Audio Amplification Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC6145 Datasheet(HTML) 4 Page - Sanken electric

  2SC6145 Datasheet HTML 1Page - Sanken electric 2SC6145 Datasheet HTML 2Page - Sanken electric 2SC6145 Datasheet HTML 3Page - Sanken electric 2SC6145 Datasheet HTML 4Page - Sanken electric 2SC6145 Datasheet HTML 5Page - Sanken electric 2SC6145 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SANKEN ELECTRIC CO., LTD.
Audio Amplification Transistor
2SC6145
38106
Package Outline Drawing, TO-3P
Leadframe plating Pb-free. Device composition
includes high-temperature solder (Pb >85%),
which is exempted from the RoHS directive.
15.6 ±0.3
5.0 MAX
2.1 MAX
Terminal dimension at lead tip
1.0
+0.2
–0.1
2
+0.2
–0.1
2
+0.2
–0.1
1.7
+0.2
–0.1
3
+0.2
–0.1
0.6
+0.2
–0.1
Branding
Area
XXXXXXXX
XXXXX
XXXXX
Branding codes (exact appearance at manufacturer discretion):
1st line,
type: C6145
2nd line left, lot:
YM
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
2nd line right, subtype:
H
Where: H is the hFE rating (O, R, or Y; for values see
footnote, Electrical Characteristics table)
12
3
5.45 ±0.1
14.0 ±0.3
13.6 ±0.2
9.6 ±0.2
15.8 ±0.2
Gate burr: 0.3 mm (max.), mold flash may appear at opposite side
Terminal core material: Cu
Terminal treatment: Ni plating and Pb-free solder dip
Leadform: 100
Package: TO-3P (M100)
Approximate weight: 6 g
Dimensions in millimeters
View A
0.7 MAX
View B
0.7 MAX
View A
View B
Exposed
heatsink pad



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com