Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC554XLF Datasheet(PDF) 2 Page - Sanken electric

Part # LC554XLF
Description  Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC554XLF Datasheet(HTML) 2 Page - Sanken electric

  LC554XLF Datasheet HTML 1Page - Sanken electric LC554XLF Datasheet HTML 2Page - Sanken electric LC554XLF Datasheet HTML 3Page - Sanken electric LC554XLF Datasheet HTML 4Page - Sanken electric LC554XLF Datasheet HTML 5Page - Sanken electric LC554XLF Datasheet HTML 6Page - Sanken electric LC554XLF Datasheet HTML 7Page - Sanken electric LC554XLF Datasheet HTML 8Page - Sanken electric LC554XLF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Selection Guide
Part
Number
MOSFET
VDSS(min)
(V)
RDS(on)
(max)
(Ω)
PWM Operation
Frequency, fOSC(typ)
(kHz)
On-Time
tON(MAX)(typ)
(μs)
POUT*
(W)
230 VAC
85 to 265
VAC
LC5546LF
650
1.9
40
17.5
60
40
LC5547LF
1.1
80
55
LC5549LF
800
1.7
60
40
*Based on the thermal rating; the allowable maximum output power can be up to 120% to 140% of
this value. However, maximum output power may be limited in such an application with low output
voltage or short duty cycle.
Absolute Maximum Ratings Unless specifically noted, TA is 25°C
Characteristic
Symbol
Notes
Pins
Rating
Unit
Drain Current1
IDPeak
LC5546LF
Single pulse
1 – 2
9.2
A
LC5547LF
13.0
A
LC5549LF
10.5
A
Single Pulse Avalanche Energy2
EAS
LC5546LF ILPeak = 2.9A, VDD = 99 V, L = 20 mH
1 – 2
99
mJ
LC5547LF ILPeak = 4.4A, VDD = 99 V, L = 20 mH
233
mJ
LC5549LF ILPeak = 2.8A, VDD = 99 V, L = 20 mH
92
mJ
Control Part Input Voltage
VCC
3 – 2
35
V
OCP Pin Voltage
VOCP
4 – 2
−2.0 to 5.0
V
FB Pin Voltage
VFB
5 – 2
−0.3 to 7.0
V
OVP Pin Voltage
VOVP
7 – 2
−0.3 to 5.0
V
Allowable Power Dissipation of
MOSFET3
PD1
LC5546LF
With infinite heatsink
1 – 2
20.2
W
LC5547LF
23.6
W
LC5549LF
Without heatsink
1.8
W
Internal Frame Temperature in
Operation
TF
―−20 to 115
°C
Operating Ambient Temperature
TOP
―−55 to 115
°C
Storage Temperature
Tstg
―−55 to 125
°C
Channel Temperature
Tch
―
150
°C
1
Refer to MOSFET Safe Operating Area Curve.
2
Refer to MOSFET Avalanche Energy Derating Coefficient Curve.
3
Refer to MOSFET Temperature versus Power Dissipation Curve.
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC.
January 28, 2013
2
SANKEN ELECTRIC CO., LTD.
LC5540LF-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
LC5540LF
Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com