Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC554XLF Datasheet(PDF) 3 Page - Sanken electric

Part # LC554XLF
Description  Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC554XLF Datasheet(HTML) 3 Page - Sanken electric

  LC554XLF Datasheet HTML 1Page - Sanken electric LC554XLF Datasheet HTML 2Page - Sanken electric LC554XLF Datasheet HTML 3Page - Sanken electric LC554XLF Datasheet HTML 4Page - Sanken electric LC554XLF Datasheet HTML 5Page - Sanken electric LC554XLF Datasheet HTML 6Page - Sanken electric LC554XLF Datasheet HTML 7Page - Sanken electric LC554XLF Datasheet HTML 8Page - Sanken electric LC554XLF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics of Control Part Unless specifically noted, TA is 25°C, VCC = 20 V
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Power Supply Startup Operation
Operation Start Voltage
VCC(ON)
3 – 2
13.8
15.1
17.3
V
Operation Stop Voltage*
VCC(OFF)
3 – 2
8.4
9.4
10.7
V
Circuit Current in Operation
ICC(ON)
3 – 2
–
–
4.7
mA
Startup Circuit Operation Voltage
VSTARTUP
1 – 2
18
21
24
V
Startup Current
ICC(STARTUP) VCC = 13 V
3 – 2
−8.5
−4.0
−1.5
mA
Startup Current Threshold Biasing
Voltage*
VCC(BIAS)
3 – 2
9.5
11.0
12.5
V
Normal Operation
PWM Operation Frequency
fOSC
1 – 2
33
40
47
kHz
Maximum On-Time
tON(MAX)
1 – 2
14
17.5
21
μs
FB Pin Control Minimum Voltage
VFB(MIN)
5 – 2
0.50
0.85
1.20
V
Maximum Feedback Current
IFB(MAX)
5 – 2
–40
–25
–10
μA
Leading Edge Blanking Time
tON(LEB)
4 – 2
−
600
−
ns
Quasi-Resonant Operation Threshold
Voltage-1
VBD(TH1)
4 – 2
0.14
0.24
0.34
V
Quasi-Resonant Operation Threshold
Voltage-2
VBD(TH2)
4 – 2
0.11
0.16
0.21
V
Protection Operation
OCP Pin Overcurrent Protection
(OCP) Threshold Voltage
VOCP
4 – 2
−0.66
−0.60
−0.54
V
OCP Pin Source Current
IOCP
4 – 2
−120
−40
−10
μA
OCP Pin Overvoltage Protection
(OVP) Operation Voltage
VBD(OVP)
4 – 2
2.2
2.6
3.0
V
Overload Protection (OLP) Threshold
Voltage
VFB(OLP)
5 – 2
4.1
4.5
4.9
V
OVP Pin OVP Threshold Voltage
VOVP(OVP)
7 – 2
1.6
2.0
2.4
V
VCC Pin OVP Threshold Voltage
VCC(OVP)
3 – 2
28.5
31.5
34.0
V
Thermal Shutdown Activating
Temperature
TJ(TSD)
―
135
–
–
°C
*VCC(BIAS) > VCC(OFF) always.
January 28, 2013
3
SANKEN ELECTRIC CO., LTD.
LC5540LF-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
LC5540LF
Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com