Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9495LE Datasheet(PDF) 2 Page - 3M Electronics

Part # 9495LE
Description  High Strength Double Coated Tape with Adhesive 300LSE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9495LE Datasheet(HTML) 2 Page - 3M Electronics

  9495LE Datasheet HTML 1Page - 3M Electronics 9495LE Datasheet HTML 2Page - 3M Electronics 9495LE Datasheet HTML 3Page - 3M Electronics 9495LE Datasheet HTML 4Page - 3M Electronics 9495LE Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ High Strength Double Coated Tape
with Adhesive 300LSE
9474LE • 9495LE
Product Number
3M™ Double Coated Tapes
9474LE, 9495LE
Adhesion to stainless steel
Oz/in
ASTM D3330 - 180 degree
(N/100 mm)
2 mil polyester as backing
Faceside / Backside
- 72 hour RT
100 (113) / 105 (119)
Adhesion to stainless steel
Oz/in
ASTM D3330 - 90 degree
(N/100 mm)
2 mil al foil
Faceside / Backside
- 15 minute RT
70 (79) / 80 (90)
- 72 hour RT
85 (96) / 100 (113)
- 72 hour 158°F (70°C)
106 (119) / 130 (147)
Adhesion to other surfaces
Oz/in
ASTM D3330 - 90 degree,
(N/100 mm)
2 mil al foil, 72 hour RT
Faceside / Backside
ABS
100 (124) / 90 (102)
Polypropylene
90 (102) / 80 (90)
Polycarbonate
150 (169) / 140 (158)
Glass
90 (102) / 100 (113)
Shear Strength - ASTM D3654
Modified – (.5 inch2 sample size)
1000 grams at 72°F (22°C)
>10,000 minutes
500 grams at 158°F (70°C)
>10,000 minutes
Relative High Temperature
Operating Ranges:
Long Term (days, weeks)
200°F (93°C)
Short Term (minutes, hours)
300°F (149°C)
Relative Solvent Resistance:
Very Good
Typical Physical
Properties and
Performance
Characteristics
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
- 2 -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com