Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9495LE Datasheet(PDF) 3 Page - 3M Electronics

Part # 9495LE
Description  High Strength Double Coated Tape with Adhesive 300LSE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9495LE Datasheet(HTML) 3 Page - 3M Electronics

  9495LE Datasheet HTML 1Page - 3M Electronics 9495LE Datasheet HTML 2Page - 3M Electronics 9495LE Datasheet HTML 3Page - 3M Electronics 9495LE Datasheet HTML 4Page - 3M Electronics 9495LE Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
- 3 -
3M™ High Strength Double Coated Tape
with Adhesive 300LSE
9474LE • 9495LE
Application
Techniques
Bond strength is dependent upon the amount of adhesive-to-surface contact developed.
Firm application pressure and moderate heat, from 100°F (38°C) to 130°F (54°C), will
assist the adhesive in developing intimate contact with the bonding surface.
To obtain optimum adhesion, the bonding surfaces must be clean, dry and well unified.
Some typical surface cleaning solvents are isopropyl alcohol or heptane.*
Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial tape
application to surfaces at temperatures below 50°F (10°C) is not recommended because
the adhesive becomes too firm to adhere readily. However, once properly applied, low
temperature holding is generally satisfactory.
*Carefully read and follow the manufacturer’s precautions and directions for use when
working with solvents. These cleaning recommendations may not be compliant with
the rules of certain Air Quality Management Districts in California; consult applicable
rules before use.
Features
• This tape has a film carrier which can add dimensional stability to foams and other
substrates and also makes it easier to handle the tape during slitting and die- cutting.
• 3M™ Double Coated Tape 9474LE features a dual liner for ease in selective die
cutting.
• The bond strength of 3M™ Adhesive 300LSE increases as a function of time and
temperature, and has very high initial adhesion.
Roll length, width, slitting tolerance, core size.
3M™ Double Coated
3M™ Double Coated
Tape 9474LE
Tape 9495LE
Maximum Length in:
1/2" to 63/64"
—
180 yds. (164 m)
1" to 3"
—
360 yds. (329 m)
3" to 48"
—
360 yds. (329 m)
48" to 54"
—
360 yds. (329 m)
Tolerance
—
± 1/32 in. (0.08 mm)
Core ID
—
3.0 in. (76.2 mm)
Sheet Size
24" x 36"
Not Available
Available Sizes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com