Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250LPV100 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # SCF5250LPV100
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250LPV100 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button SCF5250LPV100 Datasheet HTML 19Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 20Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 22Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 23Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 24Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
23
Table 17 provides the linear regulator operating specifications for the SCF5250 processor.
Table 18 provides the DC electrical specifications.
Table 17. Linear Regulator1 Operating Specification
1 A pmos regulator is employed as a current source in this Linear regulator, so a 10µF capacitor (ESR 0 ... 5 Ohm) is needed on the output pin
(LINOUT) to integrate the current. Typically this will require the use of a Tantalum type capacitor.
Characteristic
Symbol
Min
Typ
Max
Input Voltage
Vin
3.0V
3.3V
3.6
Output Voltage (LINOUT)
Vout
1.14V
1.2V
1.26V
Output Current
Iout
–
100mA
150mA
Power Dissipation
Pd
–
–
436uW
Load Regulation (10% Iout
≥ 90% Iout)
–
40mV
50mV
60mV
Power Supply Rejection
PSRR
–
40dB
–
Table 18. DC Electrical Specifications (I/O Vcc = 3.3 Vdc + 0.3 Vdc)
Characteristic
Symbol
Min
Max
Units
Operation Voltage Range for I/O
Vcc
3.0
3.6
V
Input High Voltage
VIH
25.5
V
Input Low Voltage
VIL
-0.3
0.8
V
Input Leakage Current @ 0.0 V /3.3 V During Normal Operation
Iin
–
±1µµA
Hi-Impedance (Three-State) Leakage Current
@ 0.0 V/3.3 V During Normal Operation
ITSI
–
±1µµA
Output High Voltage IOH = 8mA
1, 4mA2, 2mA3
VOH
2.4
–
V
Output Low Voltage IOL = 8mA
1, 4mA2, 2mA3
VOL
–0.4
V
Schmitt Trigger Low to High Threshold Point6
VT+
1.47
–
V
Schmitt Trigger High to Low Threshold Point6
VT-
–.95
V
Load Capacitance (DATA[31:16], SCLK[4:1], SCLKOUT, EBUOUT[2:1],
LRCK[3:1], SDATAO[2:1], CFLG, EF, DDATA[3:0], PST[3:0], PSTCLK,
IDE-DIOR, IDE-DIOW, IORDY)
CL
–50
pF
Load Capacitance (ADDR[24:9], BCLK)
CL
–40
pF
Load Capacitance (BCLKE, SDCAS, SDRAS, SDLDQM, SD_CS0, SDUDQM,
SDWE, BUFENB[2:1])
CL
–30
pF
Load Capacitance (SDA0, SDA1, SCL0, SCL1, CMD_SDIO2, SDATA2_BS2,
SDATA1_BS1, SDATA0_SDIO1, CS0/CS4, CS1, OE, R/W, TA, TXD[1:0], XTRIM,
TDO/DSO, RCK, SFSY, SUBR, SDATA3, TOUT0, QSPID_OUT, QSPICS[3:0],
GP[6:5])
CL
–20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com